Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC68331MFC16 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
MC68331TS/D
45
4.3 Status Register
The status register contains the condition codes that reflect the results of a previous operation and can
be used for conditional instruction execution in a program. The lower byte containing the condition
codes is the only portion of the register available at the user privilege level; it is referenced as the con-
dition code register (CCR) in user programs. At the supervisor privilege level, software can access the
full status register, including the interrupt priority mask and additional control bits.
System Byte
T[1:0] —Trace Enable
S —Supervisor/User State
Bits [12:11] —Unimplemented
IP[2:0] —Interrupt Priority Mask
User Byte (Condition Code Register)
Bits [7:5] —Unimplemented
X —Extend
N —Negative
Z —Zero
V —Overflow
C —Carry
4.4 Data Types
Six basic data types are supported:
• Bits
• Packed Binary Coded Decimal Digits
• Byte Integers (8 bits)
• Word Integers (16 bits)
• Long-Word Integers (32 bits)
• Quad-Word Integers (64 bits)
4.5 Addressing Modes
Addressing in the CPU32 is register-oriented. Most instructions allow the results of the specified oper-
ation to be placed either in a register or directly in memory. This flexibility eliminates the need for extra
instructions to store register contents in memory. The CPU32 supports seven basic addressing modes:
• Register direct
• Register indirect
• Register indirect with index
• Program counter indirect with displacement
• Program counter indirect with index
• Absolute
• Immediate
Included in the register indirect addressing modes are the capabilities to post-increment, predecrement,
and offset. The program counter relative mode also has index and offset capabilities. In addition to
these addressing modes, many instructions implicitly specify the use of the status register, stack point-
er, or program counter.
SR —Status Register
15
14
13
12
11
10
8
7
6
5
4
3
2
1
0
T1
T0
S
0
0
IP
0
0
0
X
N
Z
V
C
RESET:
0
0
1
0
0
1
1
1
0
0
0
U
U
U
U
U
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com