Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC68331MFC16 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
68
MC68331TS/D
RWU — Receiver Wakeup
0 = Normal receiver operation (received data recognized)
1 = Wakeup mode enabled (received data ignored until awakened)
Setting RWU enables the wakeup function, which allows the SCI to ignore received data until awakened
by either an idle line or address mark (as determined by WAKE). When in wakeup mode, the receiver
status flags are not set, and interrupts are inhibited. This bit is cleared automatically (returned to normal
mode) when the receiver is awakened.
SBK — Send Break
0 = Normal operation
1 = Break frame(s) transmitted after completion of current frame
SBK provides the ability to transmit a break code from the SCI. If the SCI is transmitting when SBK is
set, it will transmit continuous frames of zeros after it completes the current frame, until SBK is cleared.
If SBK is toggled (one to zero in less than one frame interval), the transmitter sends only one or two
break frames before reverting to idle line or beginning to send data.
SCSR contains flags that show SCI operational conditions. These flags can be cleared either by hard-
ware or by a special acknowledgment sequence. The sequence consists of SCSR read with flags set,
followed by SCDR read (write in the case of TDRE and TC). A long-word read can consecutively access
both SCSR and SCDR. This action clears receive status flag bits that were set at the time of the read,
but does not clear TDRE or TC flags.
If an internal SCI signal for setting a status bit comes after the CPU has read the asserted status bits,
but before the CPU has written or read register SCDR, the newly set status bit is not cleared. SCSR
must be read again with the bit set. Also, SCDR must be written or read before the status bit is cleared.
Reading either byte of SCSR causes all 16 bits to be accessed. Any status bit already set in either byte
will be cleared on a subsequent read or write of register SCDR.
TDRE — Transmit Data Register Empty Flag
0 = Register TDR still contains data to be sent to the transmit serial shifter.
1 = A new character can now be written to register TDR.
TDRE is set when the byte in register TDR is transferred to the transmit serial shifter. If TDRE is zero,
transfer has not occurred and a write to TDR will overwrite the previous value. New data is not trans-
mitted if TDR is written without first clearing TDRE.
TC — Transmit Complete Flag
0 = SCI transmitter is busy
1 = SCI transmitter is idle
TC is set when the transmitter finishes shifting out all data, queued preambles (mark/idle line), or
queued breaks (logic zero). The interrupt can be cleared by reading SCSR when TC is set and then by
writing the transmit data register (TDR) of SCDR.
RDRF — Receive Data Register Full Flag
0 = Register RDR is empty or contains previously read data.
1 = Register RDR contains new data.
RDRF is set when the content of the receive serial shifter is transferred to the RDR. If one or more errors
are detected in the received word, flag(s) NF, FE, and/or PF are set within the same clock cycle.
SCSR — SCI Status Register
$YFFC0C
15
9
8
7
6
5
4
3
2
1
0
NOT USED
TDRE
TC
RDRF
RAF
IDLE
OR
NF
FE
PF
RESET:
1
1
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com