Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC68331MFC16 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
50
MC68331TS/D
4.7 Background Debugging Mode
The background debugger on the CPU32 is implemented in CPU microcode. The background debug-
ging commands are summarized below.
Table 21 Background Debugging Mode
Command
Mnemonic
Description
Read D/A Register
RDREG/RAREG
Read the selected address or data register and return the
results through the serial interface.
Write D/A Register
WDREG/WAREG
The data operand is written to the specified address or data
register.
Read System Register
RSREG
The specified system control register is read. All registers that
can be read in supervisor mode can be read in background
mode.
Write System Register
WSREG
The operand data is written into the specified system control
register.
Read Memory Location
READ
Read the sized data at the memory location specified by the
long-word address. The source function code register (SFC)
determines the address space accessed.
Write Memory Location
WRITE
Write the operand data to the memory location specified by the
long-word address. The destination function code (DFC)
register determines the address space accessed.
Dump Memory Block
DUMP
Used in conjunction with the READ command to dump large
blocks of memory. An initial READ is executed to set up the
starting address of the block and retrieve the first result.
Subsequent operands are retrieved with the DUMP command.
Fill Memory Block
FILL
Used in conjunction with the WRITE command to fill large
blocks of memory. Initially, a WRITE is executed to set up the
starting address of the block and supply the first operand. The
FILL command writes subsequent operands.
Resume Execution
GO
The pipe is flushed and refilled before resuming instruction
execution at the current PC.
Patch User Code
CALL
Current program counter is stacked at the location of the
current stack pointer. Instruction execution begins at user
patch code.
Reset Peripherals
RST
Asserts RESET for 512 clock cycles. The CPU is not reset by
this command. Synonymous with the CPU RESET instruction.
No Operation
NOP
NOP performs no operation and can be used as a null
command.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com