Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC68331MFC16 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MC68331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC16 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC16 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC68331MFC16 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
MC68331TS/D
51
5 Queued Serial Module
The QSM contains two serial interfaces, the queued serial peripheral interface (QSPI) and the serial
communication interface (SCI).
Figure 12 QSM Block Diagram
5.1 Overview
The QSPI provides easy peripheral expansion or interprocessor communication through a full-duplex,
synchronous, three-line bus: data in, data out, and a serial clock. Four programmable peripheral chip-
select pins provide addressability for up to 16 peripheral devices. A self-contained RAM queue allows
up to 16 serial transfers of 8 to 16 bits each, or transmission of a 256-bit data stream without CPU in-
tervention. A special wraparound mode supports continuous sampling of a serial peripheral, with auto-
matic QSPI RAM updating, which makes the interface to A/D converters more efficient.
The SCI provides a standard nonreturn to zero (NRZ) mark/space format. It operates in either full- or
half-duplex mode. There are separate transmitter and receiver enable bits and dual data buffers. A
modulus-type baud rate generator provides rates from 64 to 524 kbaud with a 16.78-MHz system clock,
or 110 to 655 kbaud with a 20.97 MHz system clock. Word length of either 8 or 9 bits is software select-
able. Optional parity generation and detection provide either even or odd parity check capability. Ad-
vanced error detection circuitry catches glitches of up to 1/16 of a bit time in duration. Wakeup functions
allow the CPU to run uninterrupted until meaningful data is available.
An address map of the QSM is shown below. The “Access” column indicates which registers are acces-
sible only at the supervisor privilege level and which can be assigned to either the supervisor or user
privilege level, according to the value of the SUPV bit in the QSMCR.
QSPI
INTERFACE
LOGIC
SCI
MISO/PQS0
MOSI/PQS1
SCK/PQS2
PCS0/SS/PQS3
PCS1/PQS4
PCS2/PQS5
PCS3/PQS6
TXD/PQS7
RXD
QSM BLOCK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com