Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN628 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 1 Page - STMicroelectronics

  AN628 Datasheet HTML 1Page - STMicroelectronics AN628 Datasheet HTML 2Page - STMicroelectronics AN628 Datasheet HTML 3Page - STMicroelectronics AN628 Datasheet HTML 4Page - STMicroelectronics AN628 Datasheet HTML 5Page - STMicroelectronics AN628 Datasheet HTML 6Page - STMicroelectronics AN628 Datasheet HTML 7Page - STMicroelectronics AN628 Datasheet HTML 8Page - STMicroelectronics AN628 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1/35
AN628
APPLICATION NOTE
April 2004
INTRODUCTION
Conventional AC-DC converters usually employ a full wave rectifier bridge with a simple capacitor filter to draw
power from the AC line. This "bulk" capacitor must be big enough to supply the total power during most of each
half-cycle, while instantaneous line voltage is below the DC rectified voltage. Consequentely, the line current
waveform is a narrow pulse, and the power factor is poor (0.5-0.6) due to the high harmonic distortion of the
current waveform.
If a high power factor switching preregulator is interposed between the input rectifier bridge and the bulk filter
capacitor, the power factor will be improved (up to 0.99). Increasing in addition, the RMS current capability from
the mains, reducing the bulk capacitor peak current and the harmonic disturbances.
Switching at a frequency much higher than the line's one, the preregulator draws a sinusoidal input current, in
phase with the input line voltage.
There are several way that this can be accomplished. When the output voltage is higher than the input voltage
(Vo > Vin), BOOST topology and continuos inductor current control mode are well suited to produce a good
quality input sine current waveform. The input di/dt is low because the inductor is located between the bridge
and the switch. This minimizes line noise and the line spikes will be absorbed by the inductor.
Figure 1. L4981 Block Diagram
by Ugo Moriconi
DESIGNING A HIGH POWER FACTOR SWITCHING
PREREGULATOR WITH THE L4981 CONTINUOUS MODE


Similar Part No. - AN628

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6203 PANASONIC-AN6203 Datasheet
5Mb / 5P
LINE OUTPUT, HEAD PHONE AMPLIFIER AND LEVEL METER AMPLIFIER
AN6209 PANASONIC-AN6209 Datasheet
828Kb / 8P
RECORDING AND PLAYBACK CIRCUITS FOR TAPE RECORDERS AND VTRS
logo
List of Unclassifed Man...
AN6209 ETC2-AN6209 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN6209S PANASONIC-AN6209S Datasheet
828Kb / 8P
RECORDING AND PLAYBACK CIRCUITS FOR TAPE RECORDERS AND VTRS
AN6210 PANASONIC-AN6210 Datasheet
511Kb / 6P
DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS
More results

Similar Description - AN628

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1852 TI-UC1852 Datasheet
210Kb / 6P
High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
High Power Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
High Power-Factor Preregulator
logo
STMicroelectronics
AN827 STMICROELECTRONICS-AN827 Datasheet
248Kb / 20P
A 500W HIGH POWER FACTOR WITH THE L4981A
Nov-2003
AN2761 STMICROELECTRONICS-AN2761 Datasheet
524Kb / 36P
Solution for designing a transition mode
17-Nov-2009
AN2544 STMICROELECTRONICS-AN2544 Datasheet
353Kb / 17P
Designing a low cost power supply using
22-Nov-2007
AN3978 STMICROELECTRONICS-AN3978 Datasheet
1,008Kb / 19P
Designing a digital output module
05-Dec-2011
logo
Texas Instruments
UC1854 TI1-UC1854_16 Datasheet
313Kb / 12P
High Power Factor Preregulator
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
Power Factor Controller IC for High Power Factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com