Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN628 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 16Page - STMicroelectronics AN628 Datasheet HTML 17Page - STMicroelectronics AN628 Datasheet HTML 18Page - STMicroelectronics AN628 Datasheet HTML 19Page - STMicroelectronics AN628 Datasheet HTML 20Page - STMicroelectronics AN628 Datasheet HTML 21Page - STMicroelectronics AN628 Datasheet HTML 22Page - STMicroelectronics AN628 Datasheet HTML 23Page - STMicroelectronics AN628 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
AN628 APPLICATION NOTE
20/35
if referred to the magnetic path, can be rewritten :
where :
Ae = effective area of the core section.
leff = effective magnetic path length.
∆B = deviated magnetic flux density.
H = magnetic field strength.
The ratio between the ferrite and the air path magnetic permeability, depends on the ferrite materials. Core ma-
terials for power application (such as B50/51), have a initial permeability value about 2500 times that of air. This
means that, above a certain air-gap length percentage, it is possible to neglect the leff (length of the core) sim-
plifing the calculation e.g. if a 1% of air-gap length, respect to the core lenght value is used, the error introduced
is about 4%.
Rewriting
equating to and simplifing
Because:
and finally:
This simplified relation is much easier to use than the complete one:
After N has been defined, it's necessary to check the core for saturation of the magnetic path (rated N · Imax vs.
Air-gap on ferrites databook). If the check is too close the rated limit, an increase of the lgap (gap lengh) and a
new calculation will be necessary. Copper losses RL · I
2
Lrms and former's winding space available will be con-
sidered for the wire selection.
P
Ot
Ae I
eff
H
B
t
on
-------
⋅⋅ ⋅
=
P
Ot
Ae I
eff
H
B
t
on
-------
⋅⋅ ⋅
=


P
Ot
Ae I
gap
H
gap
B
t
on
-------
⋅⋅
P
Ot
LI
Lt
I
L
⋅⋅
t
on
--------------------------
=
Ae I
gap
H
gap
B
⋅⋅
LI
Lt
I
L
⋅⋅
I
gap Hgap
NI
Lt and
B
≈µ
0
H
=
Ae N
µ
0
H
⋅⋅
II
L
H
N
I
L
I
gap
----------
N
LI
gap
µ
0
Ae
------------------
N
L
µ
o
------
I
gap
Ae
π
4
--- I
gap
+


2
---------------------------------------------
I
eff
µ
0
Ae
------------------
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com