Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN628 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 23Page - STMicroelectronics AN628 Datasheet HTML 24Page - STMicroelectronics AN628 Datasheet HTML 25Page - STMicroelectronics AN628 Datasheet HTML 26Page - STMicroelectronics AN628 Datasheet HTML 27Page - STMicroelectronics AN628 Datasheet HTML 28Page - STMicroelectronics AN628 Datasheet HTML 29Page - STMicroelectronics AN628 Datasheet HTML 30Page - STMicroelectronics AN628 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
27/35
AN628 APPLICATION NOTE
Input capacitor selection
The demo is not provided with complete dedicated EMI filter. At the input side, two parts compose the capacitor;
the first (Cf.) is placed across the AC input of the bridge and the second one (C1) is tied to the rectified mains.
The advantage, of this configuration is the minimization of the DC content in placing a low value after the mains
rectification (C1), just to filter the high frequency. The capacitor Cf placed in the AC side must be considered as
part of the EMI filter.
Output capacitor selection
For the output capacitor selection, it can be consider just the output voltage ripple.
Choosing Co = 220
µF (450V), the maximum rectified mains ripple is:
Sense resistor selection
The sense resistance is set at 50mOhm (Rs = 3 · 0.15Ohm//) maximum power dissipation (@ 88Vac mains and
360W) will be:
PRs(max) = RS · (Ilrms
2 + Ilhfrms2) = 1.04W
Where: Ilrms max. = 4.55A
Power Mos
In the selection of the power switch, it has been preferred to share the thermal dissipation in two separate
TO220 packages. This is a good solution because the size of the heath sinkers can be limited.
The breakdown voltage is imposed = 500V.
Considering the On resistance (@ Tj = 100°C) = 320 m
Ω the formula for the dissipated power calculation are:
Conductive losses P_On(max) = IQ(max)
2 · Rdon = 3.9 · 0.32 = 4.9W.
Adding the capacitive (about 2.5W) and the switching losses (as low as 2-3 W, thanks to the snubber) we can
estimate 10 to 12W total power dissipation at lower mains value.
Boost Diode
The 8A 600V chosen Turbuswitch fits well with the application. The power dissipated in the boost diode is about 1.4W.
Boost Inductor
The 0.55mH chosen inductor value allows a low ripple (23%) of its current; moreover, there is enough room (in
the industrialization phase) to reduce the switching frequency holding an acceptable current ripple (e.g. reduc-
ing the frequency to 75 kHz the current ripple will be held within 30%.
In this design, the coil has been realized with a gapped set-core ferrite E42*12*15.
The results that can expect, realizing the described circuit, has been tested. And the result are shortly reported
from Table 1 to Table 6.
The PCB and component Layout can be seen in figgs 25, 26 and 27 (The Gerber files of the PCB are available
on request).
V
π
o
200
π V
o Co
⋅⋅
-----------------------------------------
7.3V
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com