Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN628 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 20Page - STMicroelectronics AN628 Datasheet HTML 21Page - STMicroelectronics AN628 Datasheet HTML 22Page - STMicroelectronics AN628 Datasheet HTML 23Page - STMicroelectronics AN628 Datasheet HTML 24Page - STMicroelectronics AN628 Datasheet HTML 25Page - STMicroelectronics AN628 Datasheet HTML 26Page - STMicroelectronics AN628 Datasheet HTML 27Page - STMicroelectronics AN628 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
AN628 APPLICATION NOTE
24/35
Input capacitor
The input capacitor, placed across the rectified mains, must be considered as part of the EMI filter. The advan-
tage, in placing this part after the mains rectification, is the shunt effect for the high frequency current in order
to avoid it to flow throws the diodes of the bridge due to the poor recovery characteristic.
On the other side, the value of this capacitor must to be held as low as possible because the inherent DC voltage
content affects the harmonic distortion.
With 220nF, the high frequency is filter enough and the introduced DC level can be considered not significant
at reasonable load.
Output capacitor
For the output capacitor selection, it can be consider just the output voltage ripple.
Choosing 100
µF/450Vthr 100/120Hz ripple is ± 8Vac
Instead, if the pre regulated voltage bus must ensure enough energy for Hold-up requirements (i.e. the energy
is delivered to a power supply system), the Coot value will be increased to around 180
µF.
Sense resistor
The sense resistance (Rest) is selected considering both, the signal level and the power dissipation parameters.
Using ±70m
Ω, the sense signal is good enough to be managed by the current loop. On the other side, the max-
imum power dissipation will be:
Pros = RS · (Ilrms
2 + Ilhfrms2) ≤ 0.5W
Where Alarms max. = 2.50A
Power Mos
The Mosfet breakdown voltage is imposed; Bvdss
≥ Vout + Dvout + margin = 500V. The Rdson is selected taking
in to account the conduction power dissipation.
The formula for calculation is: Pon_max = Iqrms
2 · Rdon
i.e. considering Ron(t) = 0.7
Ω the Pon_max = 2.15 · 0.7 = 3.3W.
Adding the switching (and the capacitive) losses we can estimate 8W to 10W total power dissipation.
Boost Diode
The continuous current mode of operation, suggest using an Ultra-fast reverse recovery diode. The STMicro-
electronics TURBOSWITCH™ family offers a good solution for this kind of application.
Boost Inductor
The inductor design starts defining the L value that is a function of the switching frequency and the accepted
current ripple. In this design, we suggest an inductor value L = 0.75mH that can be realized using an ET3411
gapped set-core ferrite.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com