Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN628 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 22Page - STMicroelectronics AN628 Datasheet HTML 23Page - STMicroelectronics AN628 Datasheet HTML 24Page - STMicroelectronics AN628 Datasheet HTML 25Page - STMicroelectronics AN628 Datasheet HTML 26Page - STMicroelectronics AN628 Datasheet HTML 27Page - STMicroelectronics AN628 Datasheet HTML 28Page - STMicroelectronics AN628 Datasheet HTML 29Page - STMicroelectronics AN628 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
AN628 APPLICATION NOTE
26/35
Figure 24. Demo Board Circuit (VO = 400V; PO = 360W)
Some design peculiarities
A magnetic snubber solution has been adopted in order to limit/control the ramp rate of the current at the turn-
on edge of the Power Mos, referring to the schematic, the parts involved in this function are:
L2, D5, D6, D7, C14 and R18.
The function of the auxiliary inductor L2 is to reduce the ramp rate of the current reducing in this way the peak
current, due to the recovery of the boost diode (D4), and the associate noise emission.
The additional benefit of this magnetic snubber is also the reduction of the switching power dissipated in the
Mos. D5 and D6 needs to provide a path that allows the demagnetization of the inductor L2, clipping the neg-
ative spike thus avoiding the Breakdown activation of the booster diode D4.
D7, C14 and R18 will clamp the energy of L2 at the turn off edge of the Mos.
The inrush current limiter NTC is placed between the cathode of the boost diode and the bulk capacitor C15.
In this way, the current flowing in to the NTC limiter is the same of the boost diode well below the mains current
especially at minimum mains value.
The demo is provided with "self-supply" circuit. The proposed supply circuit, using a Graetz bridge is much
efficient anyway; it can be inadequate when the output power is reduced down to less than 5W.
On board, it has been recovered place for the Raux1 and Raux2. The two resistors will be connected in case of
L4981B version evaluation.
Here follows some comment concerning the design and the selection of the power parts of the demo.
88 to 264 Vac
BRIDGE
B1 8A
L1=0.5mE42*21*15
gap=1.9 58/6 turns
20*.2mm
C2
330n
C3
330n
R2
33k
R5
220k
R4
1.2M
R6
500k
74
C1
330nF
400V
L4981A/ B**
15
16
R7
500k
19
C8
100n
13
R1
460
R3
2.2k
R8
17k
C6
3.3n
R13
2.2k
C9
1n
R15
24k
1
17
10
18
9
5
8
2
R9 (RS)
50m
// 3*0.15)
R10
5k
R11
56k
R12
56k
R16
220k
14
3
C14
100n
R17
15
# // Q1&Q2
TO220*2
STM12NM50
/ 7C/W
D7-STTA406
20
C12
1u
C13
1u
R21
19.6k
R24
16.9k
R19
750k
R22
750k
D4-STTH8R06
to220 (/40CW)
6
11
12
C15
220uF
450V
-
D3
L2
3u
R18
6.8
2W
R23
750k
C11
220n
R20
750k
R14
68
B2= D1+D2
+D8+D9
VCC
F1
T15A250V
NTC
2.5
V+ BUS=400V
D5-
STTA106
D6
DZW06-48
RAux1
RAux2
Cf
.22uF
600V
TP1
VCC
C10
150uF
Dz1
18V
Q4
4007
R25
1k
2W
Cs
330pF
Q1+Q2#
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com