Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN628 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 12Page - STMicroelectronics AN628 Datasheet HTML 13Page - STMicroelectronics AN628 Datasheet HTML 14Page - STMicroelectronics AN628 Datasheet HTML 15Page - STMicroelectronics AN628 Datasheet HTML 16Page - STMicroelectronics AN628 Datasheet HTML 17Page - STMicroelectronics AN628 Datasheet HTML 18Page - STMicroelectronics AN628 Datasheet HTML 19Page - STMicroelectronics AN628 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
AN628 APPLICATION NOTE
16/35
where: Rfm is the programming current resistor.
K is a constant value = 0.1157 for R value in K
Ω and fSW in KHz.
A typical 20%
can be a good compromise.
Figure 18.
f
sw
f
sw
-----------
Vl
0.8
1
0.4
0.2
0
0
45
90
135
Electrical degrees
180
0.8
1
0.4
0.2
0
fsw
+
-
1.28V
17
I
18
COSC
10I
-
+
200I
8.5V
1
1/VMRS
7
Ifm
16
FREQ-MOD
D94IN065A
ROSC
COSC
ROSC
Rfm
2 POLES
FILTER
VRMS
a)
b)
c)
Modulation Frequency Normalzed in an Half Cycle of the Mains Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com