Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN628 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 27Page - STMicroelectronics AN628 Datasheet HTML 28Page - STMicroelectronics AN628 Datasheet HTML 29Page - STMicroelectronics AN628 Datasheet HTML 30Page - STMicroelectronics AN628 Datasheet HTML 31Page - STMicroelectronics AN628 Datasheet HTML 32Page - STMicroelectronics AN628 Datasheet HTML 33Page - STMicroelectronics AN628 Datasheet HTML 34Page - STMicroelectronics AN628 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
33/35
AN628 APPLICATION NOTE
APPENDIX A
LFF (pin 6) Function.
Since in Power Factor applications the Error Amp. compensation network has to filter the mains frequency con-
tents, in order to reduce harmonic distortions, the crossover frequency of the loop gain must be low. This in-
volves a poor load transient response.
An additional function (LFF) is available in L4981A/B devices. It is expecially suitable to modify the multiplier
output current, proportionally to the load, in order to improve the system response bypassing the E/A.The control
is working with VLFF voltage between 2V and 5.1V.
In fig. 32 is shown an application example to explain this function. An external OP-AMP has been used to get
the suitable signal voltage avoiding sense resistor (R1) power dissipation.
In the real application the sense resistor is often replaced by sense transformer.
Figure 32. Application example
Design criteria:
It is avisable to ensure a minimum VLFF
≅ 2V at the minimum output current.Since the OP-AMP (LM258) Vol =
0.7V (@ 1mA), to get the minimum voltage at VLFF, 1.3V has to be added. A resistor devider tied to the refer-
ence voltage (pin 11 of the controller) shifts the output of the OP-AMP.
therefore
The OP-AMP supply voltage is the same used for PFC controller (VCC) and its gain if fixed in order to produce
VO = 5.1V at the maximum load (IO max).
E.g. for IOmax = 3A. R1 = 0.1
Ω - 1W R2 is roughly 160KΩ.
L4981
L
IL
IQ
Q
D
~
~
VREF=5.1V
VCC
pin6
(VLFF)
LOAD
CO
IO
R1
10K
10K
LM258
+
-
R2
3.6K
R3
ID
IC
VO
D95IN206B
1.3V
5.1V
0.7V
–
()
R3
3.6k
Ω
+
------------------------------------ R3
R3
⇒
⋅
1.3k
Ω
==
V
O
R1 I
Omax
1
R2
10k
----------
+


⋅⋅
5.1V
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com