Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN628 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 11Page - STMicroelectronics AN628 Datasheet HTML 12Page - STMicroelectronics AN628 Datasheet HTML 13Page - STMicroelectronics AN628 Datasheet HTML 14Page - STMicroelectronics AN628 Datasheet HTML 15Page - STMicroelectronics AN628 Datasheet HTML 16Page - STMicroelectronics AN628 Datasheet HTML 17Page - STMicroelectronics AN628 Datasheet HTML 18Page - STMicroelectronics AN628 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
15/35
AN628 APPLICATION NOTE
Figure 17.
Pin 16. SYNC (In/Out synchronization). Only for L4981A, this function allows the device to be synchronized with
other circuits of a system (see fig.18a). When the device is externally synchronized, the external clock has to
satisfy these conditions: the signal amplitude must cross the threshold value (3.5V), the frequency has to be
slightly higher than that programmed by the R-C constant (see pin 18) and the pulse width has to be at least
800 nsec.
If the device has to synchronize other circuits, the signal delivered by this pin is a positive pulse of 4.6V (0.5mA)
and the pulse duration is equal to the sawtooth falltime.
The L4981B uses this pin to perform another function. If the application does not use the SYNC function, it is
preferrable to focus the EMI filtering problem using the B version. Pin 16, named FREQ-MOD in B version, al-
lows to change the switching frequency in order to spread the energy content over a wider spectrum range.
To perform the frequency modulation (see fig.18b), the pin must be connected, through a resistor (Rfm), to the
rectified line voltage. This allows to change dinamically (cycle by cycle) the (COSC) charge and the discharge
currents that define the ramp slopes of the oscillator sawtooth. The effect of the resistor produces the frequency
change (see fig.18c) between the nominal value (fsw) and its minimum value which occurs when the input volt-
age reaches the peak value (VIpk). The total frequency variation (see also pin 17 and 18) can be estimated by
the formula:
+
-
UVLO
1.28V
19
P-UVLO
RH
15
RL
10
D94IN066A
R2
R3
R1
RH = RL * 6.8
VCC ON
VCC OFF
RH
RL
11V
10V
82k
12k
12V
10.1V
220k
33k
13V
10.5V
430k
62k
14V
10.8V
909k
133k
14.5V
10.9V
1.36M
200k
15V
11V
2.7M
390k
a)
b)
Programmable Under Voltage
VCCON and VCCOFF vs. RL
f
sw
f
sw
-----------
K
V
IPK
R
osc
V
RMS
R
fm
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com