Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0223 Datasheet(PDF) 56 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 52Page - STMicroelectronics PM0223 Datasheet HTML 53Page - STMicroelectronics PM0223 Datasheet HTML 54Page - STMicroelectronics PM0223 Datasheet HTML 55Page - STMicroelectronics PM0223 Datasheet HTML 56Page - STMicroelectronics PM0223 Datasheet HTML 57Page - STMicroelectronics PM0223 Datasheet HTML 58Page - STMicroelectronics PM0223 Datasheet HTML 59Page - STMicroelectronics PM0223 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
The STM32L0 Cortex-M0+ Instruction Set
PM0223
56/110
DocID025763 Rev 1
3.5.2
AND, ORR, EOR, and BIC
Logical AND, OR, Exclusive OR, and Bit Clear.
Syntax
ANDS {Rd,} Rn, Rm
ORRS {Rd,} Rn, Rm
EORS {Rd,} Rn, Rm
BICS {Rd,} Rn, Rm
where:
Operation
The AND, EOR, and ORR instructions perform bitwise AND, exclusive OR, and inclusive
OR operations on the values in Rn and Rm.
The BIC instruction performs an AND operation on the bits in Rn with the logical negation of
the corresponding bits in the value of Rm.
The condition code flags are updated on the result of the operation, see Condition flags on
page 47.
Restrictions
In these instructions, Rd, Rn, and Rm must only specify R0-R7.
Condition flags
These instructions:
Update the N and Z flags according to the result.
Do not affect the C or V flag.
Examples
ANDS
R2, R2, R1
ORRS
R2, R2, R5
ANDS
R5, R5, R8
EORS
R7, R7, R6
BICS
R0, R0, R1
Rd
Is the destination register.
Rn
Is the register holding the first operand and is the same as the destination
register.
Rm
Second register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com