Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0223 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 7Page - STMicroelectronics PM0223 Datasheet HTML 8Page - STMicroelectronics PM0223 Datasheet HTML 9Page - STMicroelectronics PM0223 Datasheet HTML 10Page - STMicroelectronics PM0223 Datasheet HTML 11Page - STMicroelectronics PM0223 Datasheet HTML 12Page - STMicroelectronics PM0223 Datasheet HTML 13Page - STMicroelectronics PM0223 Datasheet HTML 14Page - STMicroelectronics PM0223 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
DocID025763 Rev 1
11/110
PM0223
About this document
35
1.3.4
STM32L0 Cortex-M0+ core peripherals
These are:
Nested Vectored Interrupt Controller (NVIC)
The NVIC is an embedded interrupt controller that supports low latency interrupt
processing.
System Control Block
The System Control Block (SCB) is the programmers model interface to the
processor. It provides system implementation information and system control,
including configuration, control, and reporting of system exceptions.
System timer
The system timer, SysTick, is a 24-bit count-down timer. Use this as a Real Time
Operating System (RTOS) tick timer or as a simple counter.
Memory Protection Unit
The Memory Protection Unit (MPU) improves system reliability by defining the
memory attributes for different memory regions. It provides up to eight different
regions, and an optional predefined background region.
I/O port
The I/O port provides single-cycle loads and stores to tightly-coupled peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com