Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0223 Datasheet(PDF) 61 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 57Page - STMicroelectronics PM0223 Datasheet HTML 58Page - STMicroelectronics PM0223 Datasheet HTML 59Page - STMicroelectronics PM0223 Datasheet HTML 60Page - STMicroelectronics PM0223 Datasheet HTML 61Page - STMicroelectronics PM0223 Datasheet HTML 62Page - STMicroelectronics PM0223 Datasheet HTML 63Page - STMicroelectronics PM0223 Datasheet HTML 64Page - STMicroelectronics PM0223 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 110 page
background image
DocID025763 Rev 1
61/110
PM0223
The STM32L0 Cortex-M0+ Instruction Set
80
3.5.6
MULS
Multiply using 32-bit operands, and producing a 32-bit result.
Syntax
MULS Rd, Rn, Rm
where:
Operation
The MUL instruction multiplies the values in the registers specified by Rn and Rm, and places
the least significant 32 bits of the result in Rd. The condition code flags are updated on the
result of the operation, see 3.3.6: Conditional execution on page 43.
The results of this instruction does not depend on whether the operands are signed or
unsigned.
Restrictions
In this instruction:
Rd
, Rn, and Rm must only specify R0-R7.
Rd
must be the same as Rm.
Condition flags
This instruction:
Updates the N and Z flags according to the result.
Does not affect the C or V flags.
Examples
MULS
R0, R2, R0
; Multiply with flag update, R0 = R0 x R2
Rd
Is the destination register.
Rn, Rm
Ire registers holding the values to be multiplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com