Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0223 Datasheet(PDF) 84 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 80Page - STMicroelectronics PM0223 Datasheet HTML 81Page - STMicroelectronics PM0223 Datasheet HTML 82Page - STMicroelectronics PM0223 Datasheet HTML 83Page - STMicroelectronics PM0223 Datasheet HTML 84Page - STMicroelectronics PM0223 Datasheet HTML 85Page - STMicroelectronics PM0223 Datasheet HTML 86Page - STMicroelectronics PM0223 Datasheet HTML 87Page - STMicroelectronics PM0223 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 110 page
background image
STM32L0 Core Peripherals
PM0223
84/110
DocID025763 Rev 1
4.2.4
Interrupt Set-pending Register
The NVIC_ISPR forces interrupts into the pending state, and shows which interrupts are
pending. See the register summary in Table 26 on page 82 for the register attributes.
The bit assignments are:
Note:
Writing 1 to the NVIC_ISPR bit corresponding to:
An interrupt that is pending has no effect.
A disabled interrupt sets the state of that interrupt to pending.
4.2.5
Interrupt Clear-pending Register
The NVIC_ICPR removes the pending state from interrupts, and shows which interrupts are
pending. See the register summary in Table 26 on page 82 for the register attributes.
The bit assignments are:
Bits 31:0 CLRENA: Interrupt clear-enable bits
Write:
0: No effect
1: Disable interrupt
Read:
0: Interrupt disabled
1: Interrupt enabled
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SETPEND[31:16]
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs7
rs
rs
rs
rs
rs
rs
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SETPEND[15:0]
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
rs
Bits 31:0 SETPEND: Interrupt set-pending bits
Write:
0: No effect
1: Change interrupt state to pending
Read:
0: Interrupt is not pending
1: Interrupt is pending
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
CLRPEND[31:16]
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CLRPEND[15:0]
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com