Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0223 Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 12Page - STMicroelectronics PM0223 Datasheet HTML 13Page - STMicroelectronics PM0223 Datasheet HTML 14Page - STMicroelectronics PM0223 Datasheet HTML 15Page - STMicroelectronics PM0223 Datasheet HTML 16Page - STMicroelectronics PM0223 Datasheet HTML 17Page - STMicroelectronics PM0223 Datasheet HTML 18Page - STMicroelectronics PM0223 Datasheet HTML 19Page - STMicroelectronics PM0223 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
The STM32L0 Cortex-M0+ Processor
PM0223
16/110
DocID025763 Rev 1
See The condition flags on page 43 for more information about the APSR negative, zero,
carry or borrow, and overflow flags.
Interrupt Program Status Register
The IPSR contains the exception number of the current Interrupt Service Routine (ISR). See
the register summary in Table 3 on page 13 for its attributes. The bit assignments are:
Execution Program Status Register
The EPSR contains the Thumb state bit.
See the register summary in Table 3 on page 13 for the EPSR attributes. The bit assign-
ments are:
[28]
V
Overflow flag.
[27:0]
-
Reserved.
Table 6. IPSR bit assignments
Bits
Name
Function
[31:6]
-
Reserved
[5:0]
Exception number
This is the number of the current exception:
0 = Thread mode.
1 = Reserved.
2 = NMI.
3 = HardFault.
4-10 = Reserved.
11 = SVCall.
12, 13 = Reserved.
14 = PendSV.
15 = SysTick | Reserved.
16 = IRQ0.
.
.
47 = IRQ31.
48-63 = Reserved.
see Exception types on page 26 for more information.
Table 7. EPSR bit assignments
Bits
Name
Function
[31:25]
-
Reserved.
[24]
T
Thumb state bit.
[23:0]
-
Reserved.
Table 5. APSR bit assignment (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com