Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0223 Datasheet(PDF) 98 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 94Page - STMicroelectronics PM0223 Datasheet HTML 95Page - STMicroelectronics PM0223 Datasheet HTML 96Page - STMicroelectronics PM0223 Datasheet HTML 97Page - STMicroelectronics PM0223 Datasheet HTML 98Page - STMicroelectronics PM0223 Datasheet HTML 99Page - STMicroelectronics PM0223 Datasheet HTML 100Page - STMicroelectronics PM0223 Datasheet HTML 101Page - STMicroelectronics PM0223 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 110 page
background image
STM32L0 Core Peripherals
PM0223
98/110
DocID025763 Rev 1
4.4.5
SysTick usage hints and tips
The interrupt controller clock updates the SysTick counter. If this clock signal is stopped for
low power mode, the SysTick counter stops.
Ensure software uses word accesses to access the SysTick registers.
If the SysTick counter reload and current value are undefined at reset, the correct
initialization sequence for the SysTick counter is:
1.
Program reload value.
2.
Clear current value.
3.
Program Control and Status register.
4.5
Memory Protection Unit
This section describes the Memory Protection Unit (MPU).
The MPU can divide the memory map into a number of regions, and defines the location,
size, access permissions, and memory attributes of each region. It supports:
Independent attribute settings for each region.
Overlapping regions.
Export of memory attributes to the system.
The memory attributes affect the behavior of memory accesses to the region. The STM32L0
Cortex-M0+ MPU defines:
Eight separate memory regions, 0-7.
A background region.
When memory regions overlap, a memory access is affected by the attributes of the region
with the highest number. For example, the attributes for region 7 take precedence over the
attributes of any region that overlaps region 7.
The background region has the same memory access attributes as the default memory
map, but is accessible from privileged software only.
The STM32L0 Cortex-M0+ MPU memory map is unified. This means instruction accesses
and data accesses have same region settings.
If a program accesses a memory location that is prohibited by the MPU, the processor
generates a HardFault exception.
In an OS environment, the kernel can update the MPU region setting dynamically based on
the process to be executed. Typically, an embedded OS uses the MPU for memory
protection.
Configuration of MPU regions is based on memory types, see 2.2.1: Memory regions, types
and attributes on page 20.
Table 34 on page 99 shows the possible MPU region attributes. These include Shareability
and cache behavior attributes that are not relevant to most microcontroller implementations.
See MPU configuration for a microcontroller on page 107 for guidelines for programming
such an implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com