Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0223 Datasheet(PDF) 75 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 71Page - STMicroelectronics PM0223 Datasheet HTML 72Page - STMicroelectronics PM0223 Datasheet HTML 73Page - STMicroelectronics PM0223 Datasheet HTML 74Page - STMicroelectronics PM0223 Datasheet HTML 75Page - STMicroelectronics PM0223 Datasheet HTML 76Page - STMicroelectronics PM0223 Datasheet HTML 77Page - STMicroelectronics PM0223 Datasheet HTML 78Page - STMicroelectronics PM0223 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 110 page
background image
DocID025763 Rev 1
75/110
PM0223
The STM32L0 Cortex-M0+ Instruction Set
80
3.7.7
MSR
Move the contents of a general-purpose register into the specified special register.
Syntax
MSR spec_reg, Rn
where:
Operation
MSR
updates one of the special registers with the value from the register specified by Rn.
See 3.7.6: MRS on page 74.
Restrictions
In this instruction, Rn must not be SP and must not be PC.
If the current mode of execution is not privileged, then all attempts to modify any register
other than the APSR are ignored.
Condition flags
This instruction updates the flags explicitly based on the value in Rn.
Examples
MSR
CONTROL, R1 ; Read R1 value and write it to the CONTROL register
Rn
Is the general-purpose source register.
spec_reg
Is the special-purpose destination register: APSR, IPSR, EPSR, IEPSR,
IAPSR, EAPSR, PSR, MSP, PSP, PRIMASK,
or CONTROL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com