Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0223 Datasheet(PDF) 100 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 96Page - STMicroelectronics PM0223 Datasheet HTML 97Page - STMicroelectronics PM0223 Datasheet HTML 98Page - STMicroelectronics PM0223 Datasheet HTML 99Page - STMicroelectronics PM0223 Datasheet HTML 100Page - STMicroelectronics PM0223 Datasheet HTML 101Page - STMicroelectronics PM0223 Datasheet HTML 102Page - STMicroelectronics PM0223 Datasheet HTML 103Page - STMicroelectronics PM0223 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 110 page
background image
STM32L0 Core Peripherals
PM0223
100/110
DocID025763 Rev 1
4.5.2
MPU Control Register
The MPU_CTRL register:
Enables the MPU.
Enables the default memory map background region.
Enables use of the MPU when in the HardFault or Non-Maskable Interrupt (NMI)
handler.
See the register summary in Table 35 on page 99 for the MPU_CTRL attributes. The bit
assignments are:
15
14
13
12
11
10
9
8
76
5432
1
0
DREGION[7:0]
Reserved
SEPA
RATE
r
rrrr
r
r
r
r
Bits 31:24
Reserved.
Bits 23:16
IREGION[7:0]: Indicates the number of supported MPU instruction regions.
Always contains 0x00. The MPU memory map is unified and is described by the DREGION
field.
Bits 15:8
DREGION[7:0]: Indicates the number of supported MPU data regions:
0x00
= Zero regions if your device does not include the MPU.
0x08
= Eight regions if your device includes the MPU.
Bits 7:1
Reserved.
Bit 0
SEPARATE: Indicates support for unified or separate instruction and date memory maps:
0 = Unified.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
76
5432
1
0
Reserved
PRIVD
EFENA
HFNMI
ENA
EN
ABLE
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com