Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MRF39RA Datasheet(PDF) 34 Page - Microchip Technology

Part # MRF39RA
Description  Low-Power, Integrated UHF Receiver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF39RA Datasheet(HTML) 34 Page - Microchip Technology

Back Button MRF39RA Datasheet HTML 30Page - Microchip Technology MRF39RA Datasheet HTML 31Page - Microchip Technology MRF39RA Datasheet HTML 32Page - Microchip Technology MRF39RA Datasheet HTML 33Page - Microchip Technology MRF39RA Datasheet HTML 34Page - Microchip Technology MRF39RA Datasheet HTML 35Page - Microchip Technology MRF39RA Datasheet HTML 36Page - Microchip Technology MRF39RA Datasheet HTML 37Page - Microchip Technology MRF39RA Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
MRF39RA
DS40001778B-page 34
 2015 Microchip Technology Inc.
4.5.2
PACKET FORMAT
4.5.2.1
Fixed Length Packet Format
Fixed length packet format is selected when bit
PacketFormat is set to ‘0’ and PayloadLength is set to
any value greater than ‘0’.
In applications where the packet length is fixed in
advance, this mode of operation may be of interest to
minimize RF overhead (no length byte field is required).
All nodes must be programmed with the same packet
length value.
The length of the payload is limited to 255 bytes if AES
is not enabled; otherwise, the message is limited to 64
bytes (i.e., maximum 65 bytes payload if Address byte
is enabled).
The length programmed in PayloadLength relates only
to the payload, which includes the message and the
optional address byte. In this mode, the payload must
contain at least one byte (i.e., address or message
byte).
An illustration of a fixed length packet is shown in
Figure 4-9, which contains the following fields:
• Preamble (1010...)
• Sync Word (Network ID)
• Optional Address Byte (Node ID)
• Message Data
• Optional 2-Byte CRC Checksum
FIGURE 4-9:
FIXED LENGTH PACKET FORMAT
Message
Up to 255 bytes
Address
byte
CRC
2-bytes
Sync Word
0 to 8 bytes
Preamble
0 to 65535
bytes
Payload
(min 1 Byte)
CRC checksum calculation
DC free Data decoding
Fields processed and removed in Rx
Optional User provided fields which are part of the payload
Message part of the payload
AES Decryption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com