Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MRF39RA Datasheet(PDF) 4 Page - Microchip Technology

Part # MRF39RA
Description  Low-Power, Integrated UHF Receiver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF39RA Datasheet(HTML) 4 Page - Microchip Technology

  MRF39RA Datasheet HTML 1Page - Microchip Technology MRF39RA Datasheet HTML 2Page - Microchip Technology MRF39RA Datasheet HTML 3Page - Microchip Technology MRF39RA Datasheet HTML 4Page - Microchip Technology MRF39RA Datasheet HTML 5Page - Microchip Technology MRF39RA Datasheet HTML 6Page - Microchip Technology MRF39RA Datasheet HTML 7Page - Microchip Technology MRF39RA Datasheet HTML 8Page - Microchip Technology MRF39RA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
MRF39RA
DS40001778B-page 4
 2015 Microchip Technology Inc.
Table 1-1 lists the MRF39RA pinouts.
TABLE 1-1:
MRF39RA PINOUTS
Number
Name
Type
Description
0
GROUND
Exposed Ground Pad
1
VBAT1
Supply Voltage
2
VR_ANA
Regulated Supply Voltage for Analogue Circuitry
3
VR_DIG
Regulated Supply Voltage for Digital Blocks
4
XTA
I/O
XTAL Connection
5
XTB
I/O
XTAL Connection
6
RESET
I/O
Reset Trigger Input
7
DIO0
I/O
Digital I/O; Software Configured
8
DIO1/DCLK
O
Digital Output; Software Configured
9
DIO2/DATA
O
Digital Output; Software Configured
10
DIO3
I/O
Digital I/O; Software Configured
11
DIO4
I/O
Digital I/O; Software Configured
12
DIO5
I/O
Digital I/O; Software Configured
13
VBAT2
Supply Voltage
14
GND
Ground
15
SCK
I
SPI Clock Input
16
MISO
O
SPI Data Output
17
MOSI
I
SPI Data Input
18
NSS
I
SPI Chip Select Input
19
NC
Do not connect
20
GND
Ground
21
RFIN
I
RF Input
22
GND
Ground
23
NC
Do not connect
24
NC
Do not connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com