Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MRF39RA Datasheet(PDF) 1 Page - Microchip Technology

Part # MRF39RA
Description  Low-Power, Integrated UHF Receiver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF39RA Datasheet(HTML) 1 Page - Microchip Technology

  MRF39RA Datasheet HTML 1Page - Microchip Technology MRF39RA Datasheet HTML 2Page - Microchip Technology MRF39RA Datasheet HTML 3Page - Microchip Technology MRF39RA Datasheet HTML 4Page - Microchip Technology MRF39RA Datasheet HTML 5Page - Microchip Technology MRF39RA Datasheet HTML 6Page - Microchip Technology MRF39RA Datasheet HTML 7Page - Microchip Technology MRF39RA Datasheet HTML 8Page - Microchip Technology MRF39RA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
 2015 Microchip Technology Inc.
DS40001778B-page 1
MRF39RA
Features
• High Sensitivity:
- down to -120 dBm at 1.2 kbps
• High Selectivity:
- 16-Tap FIR channel filter
• Bullet-Proof Front End:
- IIP3 = -18 dBm, IIP2 = +35 dBm, 80 dB
blocking immunity, no image frequency
response
• Low Current:
- Rx = 16 mA, 100 nA register retention
• Constant RF Performance over Voltage Range of
Chip
• FSK Bit Rates up to 300 kbps
• Fully Integrated Synthesizer with a Resolution of
61 Hz
• FSK,
GFSK,
MSK,
GMSK
and
OOK
Demodulation
• Built-in
Bit
Synchronizer
Performing
Clock
Recovery
• Incoming Sync Word Recognition
• 115 dB+
Dynamic
Range
Received
Signal
Strength Indicator (RSSI)
• Automatic RF Sense with Ultra-Fast Automatic
Frequency Control (AFC)
• Packet Engine with CRC, AES-128 Encryption
and 66-Byte First In First Out (FIFO)
• Built-in Temperature Sensor and Low-Battery
Indicator
General Description
The MRF39RA device is a highly integrated RF
receiver capable of operation over a wide frequency
range, including the 433, 868 and 915 MHz
license-free Industry Scientific and Medical (ISM)
frequency bands. Its highly integrated architecture
enables for a minimum of external components while
maintaining maximum design flexibility. All major RF
communication parameters are programmable and
most of these can be dynamically set. The MRF39RA
offers the unique advantage of programmable
narrow-band and wide-band communication modes
without the need of modifying external components.
The
MRF39RA
is
optimized
for
low-power
consumption while offering high sensitivity and
channelized operation. TrueRF™ technology enables
a low-cost external component count (elimination of the
SAW filter) while still satisfying the European
Telecommunications Standards Institute (ETSI) and
Federal
Communications
Commission
(FCC)
regulations.
FIGURE 1:
MRF39RA RECEIVER:
LOW-POWER INTEGRATED
UHF RECEIVER
Typical Applications
• Automated Meter Reading
• Wireless Sensor Networks
• Home and Building Automation
• Wireless Alarm and Security Systems
• Industrial Monitoring and Control
• Wireless M-Bus
Pin Diagram
FIGURE 2:
24-PIN QFN
Markets
• Europe: EN 300-220-1
• North America: FCC Part 15.247, 15.249, 15.231
• Narrow Korean and Japanese Bands
LNA
Single to
Differential
Mixers

Modulators
SPI
DIO0
RSSI
AFC
Division by
2, 4 or 6
Frac-N PLL
Synthesizer
XO
32 MHz
XTAL
Tank
Inductor
Loop
Filter
RFIN
NC
RESET
Power Distribution System
VBAT1&2
VR_ANA
VR_DIG
NC
RC
Oscillator
GND
GND
NC
DIO1
DIO2
DIO3
DIO4
DIO5
1
2
3
4
5
6
7
8
9
10 11 12
18
17
16
15
14
13
24 23 22 21 20 19
VBAT1
VR_ANA
VR_DIG
XTA
XTB
RESET
NSS
MOSI
MISO
SCK
GND
VBAT2
Low-Power, Integrated UHF Receiver


Similar Part No. - MRF39RA

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF390 ASI-MRF390 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
Motorola, Inc
MRF392 MOTOROLA-MRF392 Datasheet
145Kb / 4P
BROADBAND PUSH-PULL RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF392 MACOM-MRF392 Datasheet
165Kb / 4P
Tthe RF Line NPN Silicon Push-Pull RF Power Transistor
logo
M/A-COM Technology Solu...
MRF392 MA-COM-MRF392 Datasheet
222Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 125W, 30 to 500MHz, 28V
logo
Advanced Semiconductor
MRF392 ASI-MRF392 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MRF39RA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
QwikRadio Low-Power UHF Receiver
MICRF009 MICREL-MICRF009 Datasheet
1Mb / 16P
QwikRadio Low-Power UHF Receiver
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
Low-Power, integrated UHF transceiver
logo
Semtech Corporation
SX1210 SEMTECH-SX1210 Datasheet
1Mb / 73P
Ultra-Low Power Integrated UHF Receiver
SX1213 SEMTECH-SX1213 Datasheet
1Mb / 65P
Ultra-Low Power Integrated UHF Receiver
SX1239 SEMTECH-SX1239 Datasheet
884Kb / 73P
Low Power Integrated UHF Receiver
SX1239 SEMTECH-SX1239_11 Datasheet
899Kb / 73P
Low Power Integrated UHF Receiver
logo
List of Unclassifed Man...
RF65 ETC2-RF65 Datasheet
2Mb / 72P
Low Power Integrated UHF Receiver With -120dBm High Sensitivity
logo
Micrel Semiconductor
MICRF007 MICREL-MICRF007_04 Datasheet
775Kb / 13P
QwikRadio짰 Low-Power UHF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com