Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MRF39RA Datasheet(PDF) 40 Page - Microchip Technology

Part # MRF39RA
Description  Low-Power, Integrated UHF Receiver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF39RA Datasheet(HTML) 40 Page - Microchip Technology

Back Button MRF39RA Datasheet HTML 36Page - Microchip Technology MRF39RA Datasheet HTML 37Page - Microchip Technology MRF39RA Datasheet HTML 38Page - Microchip Technology MRF39RA Datasheet HTML 39Page - Microchip Technology MRF39RA Datasheet HTML 40Page - Microchip Technology MRF39RA Datasheet HTML 41Page - Microchip Technology MRF39RA Datasheet HTML 42Page - Microchip Technology MRF39RA Datasheet HTML 43Page - Microchip Technology MRF39RA Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
MRF39RA
DS40001778B-page 40
 2015 Microchip Technology Inc.
4.5.7
DC-FREE DATA MECHANISMS
The received payload can be de-whitened or
automatically Manchester-decoded in the MRF39RA
packet handler.
4.5.7.1
Manchester Decoding
Manchester decoding is enabled if DcFree = 01 and it
can only be used in Packet mode.
The Manchester data is decoded to NRZ code by
decoding ‘10' as '1' and ‘01‘ as '0'.
In this case, the maximum chip rate is the maximum bit
rate given in the specifications section, and the actual
bit rate is half the chip rate.
Manchester decoding is only applied to the payload
and CRC checksum while preamble and sync word are
kept NRZ. However, the chip rate from preamble to
CRC is the same and defined by BitRate in RegBitRate
(Chip Rate = Bit Rate NRZ = 2 x Bit Rate Manchester).
Manchester decoding is thus made transparent for the
user, who still retrieves NRZ data from the FIFO.
FIGURE 4-13:
MANCHESTER DECODING
4.5.7.2
Data De-Whitening
Another technique called whitening or scrambling is
widely used for randomizing the user data before radio
transmission. The data is whitened using a random
sequence on the Tx side and de-whitened on the Rx
side using the same sequence. Compared to the
Manchester technique it has the advantage of keeping
the NRZ data rate (i.e., the actual bit rate is not halved).
The de-whitening process is enabled if DcFree = 10.
The data, including payload and 2-byte CRC
checksum, is de-whitened by XORing it with a random
sequence generated in a 9-bit LFSR as shown in
Figure 4-14.
Payload de-whitening is thus made transparent for the
user, who still retrieves NRZ data from the FIFO.
FIGURE 4-14:
DATA DE-WHITENING
Note:
Only one of the two methods must be
enabled at a time.
...Sync
Payload...
RF chips @ BR
...
1
1
1
0
1
0
0
1
0
0
1
0
1
1
0
1
0
...
User/NRZ bits
Manchester OFF
...
1
1
1
0
1
0
0
1
0
0
1
0
1
1
0
1
0
...
User/NRZ bits
Manchester ON
...
1
1
1
0
1
0
0
1
0
0
1
1
...
t
1/BR
1/BR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com