Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MRF39RA Datasheet(PDF) 48 Page - Microchip Technology

Part # MRF39RA
Description  Low-Power, Integrated UHF Receiver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF39RA Datasheet(HTML) 48 Page - Microchip Technology

Back Button MRF39RA Datasheet HTML 44Page - Microchip Technology MRF39RA Datasheet HTML 45Page - Microchip Technology MRF39RA Datasheet HTML 46Page - Microchip Technology MRF39RA Datasheet HTML 47Page - Microchip Technology MRF39RA Datasheet HTML 48Page - Microchip Technology MRF39RA Datasheet HTML 49Page - Microchip Technology MRF39RA Datasheet HTML 50Page - Microchip Technology MRF39RA Datasheet HTML 51Page - Microchip Technology MRF39RA Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
MRF39RA
DS40001778B-page 48
 2015 Microchip Technology Inc.
RegAfcFei
(0x1E)
7—
r
0
Unused
6
FeiDone
r
00  FEI is on-going
1  FEI finished
5
FeiStart
w
0
Triggers a FEI measurement when set.
Always reads ‘0’.
4AfcDone
r
10  AFC is on-going
1  AFC has finished
3
AfcAutoclearOn
rw
0
Only valid if AfcAutoOn is set
0  AFC register is not cleared before a
new AFC phase
1  AFC register is cleared before a
new AFC phase
2
AfcAutoOn
rw
00  AFC is performed each time
AfcStart is set
1  AFC is performed each time Rx
mode is entered
1
AfcClear
w
0
Clears the AfcValue if set in Rx mode.
Always reads ‘0’.
0AfcStart
w
0
Triggers an AFC when set. Always reads
‘0’.
RegAfcMsb
(0x1F)
7-0
AfcValue(15:8)
r
0x00
MSB of the AfcValue, two’s complement
format
RegAfcLsb
(0x20)
7-0
AfcValue(7:0)
r
0x00
LSB of the AfcValue, two’s complement
format
Frequency correction = AfcValue x Fstep
RegFeiMsb
(0x21)
7-0
FeiValue(15:8)
r
MSB of the measured frequency offset,
two’s complement
RegFeiLsb
(0x22)
7-0
FeiValue(7:0)
r
LSB of the measured frequency offset,
two’s complement
Frequency error = FeiValue x Fstep
RegRssiConfig
(0x23)
7-2
r
000000 Unused
1
RssiDone
r
10  RSSI is on-going
1  RSSI sampling is finished, result
available
0
RssiStart
w
0
Trigger a RSSI measurement when set.
Always reads ‘0’.
RegRssiValue
(0x24)
7-0
RssiValue
r
0xFF
Absolute value of the RSSI in dBm,
0.5 dB steps.
RSSI = -RssiValue/2 [dBm]
TABLE 5-3:
RECEIVER REGISTERS (CONTINUED)
Name
(Address)
Bits
Variable Name
Mode
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com