Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MRF39RA Datasheet(PDF) 36 Page - Microchip Technology

Part # MRF39RA
Description  Low-Power, Integrated UHF Receiver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF39RA Datasheet(HTML) 36 Page - Microchip Technology

Back Button MRF39RA Datasheet HTML 32Page - Microchip Technology MRF39RA Datasheet HTML 33Page - Microchip Technology MRF39RA Datasheet HTML 34Page - Microchip Technology MRF39RA Datasheet HTML 35Page - Microchip Technology MRF39RA Datasheet HTML 36Page - Microchip Technology MRF39RA Datasheet HTML 37Page - Microchip Technology MRF39RA Datasheet HTML 38Page - Microchip Technology MRF39RA Datasheet HTML 39Page - Microchip Technology MRF39RA Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
MRF39RA
DS40001778B-page 36
 2015 Microchip Technology Inc.
4.5.2.3
Unlimited Length Packet Format
Unlimited length packet format is selected when bit
PacketFormat is set to ‘0’ and PayloadLength is set to
‘0’.
The user can receive packets of arbitrary length and
PayloadLength register is not used in Rx modes for
counting the length of the bytes received.
The data processing features such as address filtering,
Manchester decoding and data de-whitening are
unavailable if the sync pattern length is set to zero
(SyncOn = ‘0’). The CRC detection is also not
supported in this mode of the packet handler. Interrupts
such as CrcOk and PayloadReady are unavailable
either.
An unlimited length packet shown in Figure 4-11
contains the following fields:
• Preamble (1010...).
• Sync Word (Network ID).
• Optional Address Byte (Node ID).
• Message Data
FIGURE 4-11:
UNLIMITED LENGTH PACKET FORMAT
Message
unlimited length
Address
byte
Sync Word
0 to 8 bytes
Preamble
0 to 65535
bytes
Payload
Fields processed and removed in Rx
Optional User provided fields which are part of the payload
Message part of the payload
DC free Data decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com