Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STWBC2-HP Datasheet(PDF) 56 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 52Page - STMicroelectronics STWBC2-HP Datasheet HTML 53Page - STMicroelectronics STWBC2-HP Datasheet HTML 54Page - STMicroelectronics STWBC2-HP Datasheet HTML 55Page - STMicroelectronics STWBC2-HP Datasheet HTML 56Page - STMicroelectronics STWBC2-HP Datasheet HTML 57Page - STMicroelectronics STWBC2-HP Datasheet HTML 58Page - STMicroelectronics STWBC2-HP Datasheet HTML 59Page - STMicroelectronics STWBC2-HP Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
2.2.10.2
Feature list
Fault event capture logic equipped with debounce filter
Individual enable control line
IO signals fault detection logic
GDLS signals fault detection logic
Notify the fault event to the interrupt controller logic (ITC)
2.2.10.3
Functional description
Here below is shown the internal Protection circuit block diagram.
Figure 55. Protection logic block diagram overview
This block detects the fault events raised in the AFE logic during functional operation; most of them are notified
directly to the FW for the error management handling sequence, while some of them are controlled by the
Protection block.
Once the IP is enabled, by configuring the PROT_CTRL_1 register, the error detection logic is allowed to trigger
the fault events. Two class of faults may be detected:
Hard fault: The highest priority faults due to the undervoltage lockout events; these are detected and
managed in the analog logic domain.
Soft fault: According to the fault type this may be detected by the protection logic and notified to the MCU or
may be recognized indirectly by the FW application through the ADC conversion process. In both cases the
fault recovery action is submitted to the FW application.
The configuration of the EN_FLTDIS_ANA and EN_FLTDIS_PWM fields of register PROT_CTRL_0 allows to
mask the enable functionality respectively of the Analog macros and the PWM signals when one of the following
fault events is triggered by the interrupt controller logic:
IO coherency[3:0]
GDLS coherency[2:0]
PLL unlock
DCDC error
The masking condition is active until the fault error event is recovered by FW.
2.2.10.4
IO fault detection
The IO coherence checker verifies that the state of an IO corresponds effectively to the configured value. This
allows detecting short-circuit on IO signals.
When enabled (IO data_oe), the cell compares a probed state of IO (data_in) with a reference state (IO data_out).
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 56/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com