Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STWBC2-HP Datasheet(PDF) 70 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 66Page - STMicroelectronics STWBC2-HP Datasheet HTML 67Page - STMicroelectronics STWBC2-HP Datasheet HTML 68Page - STMicroelectronics STWBC2-HP Datasheet HTML 69Page - STMicroelectronics STWBC2-HP Datasheet HTML 70Page - STMicroelectronics STWBC2-HP Datasheet HTML 71Page - STMicroelectronics STWBC2-HP Datasheet HTML 72Page - STMicroelectronics STWBC2-HP Datasheet HTML 73Page - STMicroelectronics STWBC2-HP Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
Figure 74. Read Modify Write access
Example 1:
Register is 8’b00110100
RMW operation is done on 1 bit, pos[2:0] = 1 and bits[0] = 1.
Then register becomes 8’b00110110
Example 2:
Register is 8’b00110100
RMW operation is done on 2 bit, pos[2:0] = 2 and bits[1:0] = 2’b10.
Then register becomes 8’b00111000
2.2.13.4
Operating parameters
Table 50 summarizes the IP functional operating parameters.
Table 50. SPI operating parameters
Parameter
Value
Operating frequency
16 MHz
SPI frequency
16 MHz
Note:
The minimum clock ratio of SPI_CLK vs AFE_CLK is 2.
2.2.14
Register sub-system
2.2.14.1
Overview
This block is a multifunction IP which includes the page register bank selection and the data register array
selected by the page register contents.
Figure 75 shows the page register bank selection block diagram.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 70/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com