Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STWBC2-HP Datasheet(PDF) 27 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 23Page - STMicroelectronics STWBC2-HP Datasheet HTML 24Page - STMicroelectronics STWBC2-HP Datasheet HTML 25Page - STMicroelectronics STWBC2-HP Datasheet HTML 26Page - STMicroelectronics STWBC2-HP Datasheet HTML 27Page - STMicroelectronics STWBC2-HP Datasheet HTML 28Page - STMicroelectronics STWBC2-HP Datasheet HTML 29Page - STMicroelectronics STWBC2-HP Datasheet HTML 30Page - STMicroelectronics STWBC2-HP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
Figure 31. FSK modulation circuit overview
A bit from the FIFO is drained after a programmable count of the Main PWM cycle. A cycle is completed each
time the list of events rolls over.
Note:
FW has to guarantee the non-overflow of the FSK FIFO data.
2.2.1.3.3
Chronometer
The chronometer block measures the time for which external events occurs. In a full PWM cycle, it is considered
that a positive and negative event will occur. The chronometer then stores two event times in registers.
Figure 32. Chronometer circuit overview
The external events are gated using two outputs of the signal generation block (CaptureP & N). The chronometer
tracks the count of cycles that elapsed since the start of PWM cycle. When external event occurs, the on-
going count cycles is sampled as well as the phase number at which the event appears. The phase count is
readjusted considering the phase selected at the beginning of the signal generation cycle. Then, the adjusted
timing is written into the dump registers. In addition to write data in dump registers, the Main PWM provides a
chronometer data port to be used externally. This port is connected typically to a phase demodulator. The signal
generation block can also be programmed to terminate the current step since an external event occurs. The
signal generation block can also fake an event on a defined polarity based on the timing of the other polarity.
The event list of signal generation block is copied locally so that programming of new list can be done during
PWM operation. The update of the list can be asynchronous or synchronous with the rollover of the event list
processing.
2.2.1.3.4
Enabling/Disabling
The Main PWM supports smart enabling and disabling:
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 27/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com