Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STWBC2-HP Datasheet(PDF) 29 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 25Page - STMicroelectronics STWBC2-HP Datasheet HTML 26Page - STMicroelectronics STWBC2-HP Datasheet HTML 27Page - STMicroelectronics STWBC2-HP Datasheet HTML 28Page - STMicroelectronics STWBC2-HP Datasheet HTML 29Page - STMicroelectronics STWBC2-HP Datasheet HTML 30Page - STMicroelectronics STWBC2-HP Datasheet HTML 31Page - STMicroelectronics STWBC2-HP Datasheet HTML 32Page - STMicroelectronics STWBC2-HP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 96 page
background image
The HR-PWM processes step incrementally from 0 to n (max. step number). The steps associated with an FSK
bit polarity different from the running FSK bit are ignored. In the steps that have no output toggling and no capture
toggling are ignored. However, it is possible to insert a step that has no output or capture toggling request if
FSK and FSKb bits of the step are both set to 1. Such a step can be considered as a simple delay step. When
reaching the end of the step list, the HR-PWM rolls over to step 0. By default, the end of the step list corresponds
to the first step programmed with no output toggling or capture window having FSK & FSKb at 1. It is possible
to force the HR-PWM to scan the entire list of steps (so from 0 to n) before rolling over. To do so, set the bit
SCAN_FULL_LIST in the PWM_CONTROL_2 register.
Sequencer enable:
At enabling, the HR-PWM applies an initial state coded in PWM_INITIAL_STATE register to the outputs
and capture window. By default, the next output and capture states depend on the toggling coded in
the different steps. It is however possible to force the application of PWM_INITIAL_STATE register to
the outputs and capture window at each list of step rollover. To do so, set the bit OUTPUT_REINIT in
the PWM_CONTROL_2 register.
Sequencer disable:
At disabling, the HR-PWM waits for list of step rollover and then engages a disabling procedure. The
steps in the list are processed normally except that only the toggling from 1 to 0 are applied to the
outputs and capture window. When all outputs are 0, the HR-PWM is effectively disabled. The state of
HR-PWM is monitored by the bit PWM_RUNNING in the PWM_STATUS register.
The enabling/disabling of HR-PWM is done using the bit ENABLE in the PWM_CONTROL_1 register. When
HR-PWM is running and ENABLE bit is written to 0, the disabling procedure is engaged. In this case, the
disabling time depends on the programming of steps. If an immediate disabling of HR-PWM is required, set the
bit FORCE_OFF in the PWM_CONTROL_2 register and wait for the bit PWM_RUNNING in the PWM_STATUS to
pass to 0. Then, clear the FORCE_OFF bit.
Pipeline configuration
The HR-PWM runs on a copy of steps registers and the PWM_INITIAL_STATE register. It is then
possible to write a new step configuration in registers without disrupting a running sequence. A copy
of steps registers and PWM_INITIAL_STATE register is done automatically when the HR-PWM is
enabled. A copy can also be triggered while HR-PWM is running to update the sequence. When
writing 1 in bit UPDATE_STEPS of the PWM_CONTROL_2 register, a copy is done at next rollover of
list of steps. This allows doing a synchronous update of the PWM generation. When writing 1 in bit
PUSH_STEPS of the PWM_CONTROL_2 register, the copy of registers is done immediately.
The basic configuration HR-PWM requires the following steps:
1.
Configure the complementary mode of PWM0 & 1 (bit PWM_2_3_AS_COMPLEMENT)
2.
Write the sequence of steps in the corresponding registers
3.
Write the initial state of outputs (PWM_INITIAL_STATE)
4.
Set the options of list processing (OUTPUT_REINIT bit and SCAN_FULL_LIST bit)
5.
Enable the HR-PWM (ENABLE bit)
6.
While running, a new sequence can be written in the registers. When registers write is done, update this new
sequence in the HR-PWM sequencer (UPDATE_STEPS bit or PUSH_STEPS bit).
7.
The HR-PWM can be gracefully disabled by clearing the ENABLE bit. It will be effectively disabled when
PWM_RUNNING bit is 0. Alternatively, the HR-PWM can be immediately disabled using FORCE_OFF bit.
2.2.1.4.2
FSK configuration
The HR-PWM includes an FSK function that allows sending data to a WPC-Qi receiver using Frequency Shift
Keying messaging. The variation of PWM frequency is pre-programmed in the list of steps. In fact, the different
steps in the list can be associated to a polarity of the FSK signal. When the FSK polarity of a step is not the same
as the FSK signal in the HR-PWM, the step is simply ignored. Then, the list can include some steps associated
with a particular polarity of FSK. Depending on the running FSK signal polarity, the PWM timings are different
as some steps will be active or not. This can lead to different PWM frequencies depending on the state of FSK
signal.
For debug or verification, it is possible to force the FSK signal to 1 in a continuous way (by default FSK signal is
0). To do so, set the bit DBG_FSK in the PWM_CONTROL_2 register. This debug mode allows verifying that the
FSK enabled sequence is giving the expected result.
The WPC-Qi FSK consists of converting data bits in NRZ symbols. A data bit at 1 gives 2 opposite symbols (01 or
10), a data bit at 0 gives 2 similar symbols (00 or 11). Between each bit, the symbol polarity inverts.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 29/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com