Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STWBC2-HP Datasheet(PDF) 2 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 2 Page - STMicroelectronics

  STWBC2-HP Datasheet HTML 1Page - STMicroelectronics STWBC2-HP Datasheet HTML 2Page - STMicroelectronics STWBC2-HP Datasheet HTML 3Page - STMicroelectronics STWBC2-HP Datasheet HTML 4Page - STMicroelectronics STWBC2-HP Datasheet HTML 5Page - STMicroelectronics STWBC2-HP Datasheet HTML 6Page - STMicroelectronics STWBC2-HP Datasheet HTML 7Page - STMicroelectronics STWBC2-HP Datasheet HTML 8Page - STMicroelectronics STWBC2-HP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
Specifically, the STM32™ microcontroller embedded into the STWBC2-HP is the
STM32G071.
The STWBC2-HP is capable of driving the DC-DC stage and the half- or full-bridge
inverter stage of a generic Qi wireless battery charging TX. It generates and
controls the relevant PWM signals by means of a PWM machine capable of 1.47
ns resolution. In order to achieve that, the front-end die includes a 40 MHz PLL and a
17-step DLL.
The STWBC2-HP front end is capable of working from any DC voltage in the range of
4.1 V to 24 V and embeds:
•
3x half-bridge drivers capable of driving both the FB inverter or the DC-DC
MOSFET
•
2x PWM outputs for external gate drivers
•
2x LED / speaker drivers
•
3.6 V / 5 V monolithic buck DC-DC to supply the analog portion of the die
•
3.3 V LDO to supply the STM32
•
1.8 V LDO to supply the core
•
6 V to 9 V voltage doubler to supply the gate drivers
•
Resonant tank current, voltage and phase sense circuitry and Q-factor driver
•
USB D+/D- external interface pins for USB PD
The Front End die also includes specific registers and an SPI interface with the
STM32, in combination with an output mux for analog signals to the STM32 ADC,
and GPIOs for digital signals to the STM32 core.
The STM32 microcontroller embeds an ARM Cortex™-M0+ CPU with up to 128 k
Flash memory and up to 32 k of SRAM with parity check, with a clock frequency up
to 64 MHz. It also embeds a 12-bit, 0.5 μs ADC and provides UART, I2C, SPI and
GPIOs
The STM32G071 embedded in STWBC2-HP also provides two 12-bit DACs and
USB-PD controller.
STWBC2-HP
DS13825 - Rev 1.0
page 2/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com