Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STWBC2-HP Datasheet(PDF) 34 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 30Page - STMicroelectronics STWBC2-HP Datasheet HTML 31Page - STMicroelectronics STWBC2-HP Datasheet HTML 32Page - STMicroelectronics STWBC2-HP Datasheet HTML 33Page - STMicroelectronics STWBC2-HP Datasheet HTML 34Page - STMicroelectronics STWBC2-HP Datasheet HTML 35Page - STMicroelectronics STWBC2-HP Datasheet HTML 36Page - STMicroelectronics STWBC2-HP Datasheet HTML 37Page - STMicroelectronics STWBC2-HP Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
Figure 38. HPF (High Pass Filter) demodulator frequency response
The digital comparator compares the output of filter machine with 0. It includes hysteresis. The hysteresis
magnitude is configured through the SPI registers.
2.2.2.4
Programming
The phase modulator logic requires the following configuration sequences:
2.2.2.4.1
Enable sequence
The phase modulator enabling sequence has the following configuration steps:
1.
Configure the P_DEMOD_CLK_L register value
2.
Configure the P_DEMOD_CLK_H register value
3.
Configure the P_DEMOD_HYSTERESIS register value
4.
Program the P_DEMOD register value as follows:
a.
Select the high pass filter frequency coefficient value bit1-0
b.
Select the low pass filter frequency coefficient value bit3-2
c.
Set the Enable bit7
2.2.2.4.2
Reconfigure sequence
When the phase modulator is active the reconfiguration of the filter coefficient value requires the following
operations:
1.
Disabling the phase modulator by writing 0x00 to the P_DEMOD register
2.
Program the P_DEMOD register with the newer value as follows:
a.
Select the high pass filter frequency coefficient value bit1-0
b.
Select the low pass filter frequency coefficient value bit3-2
c.
Set the Enable bit7
2.2.2.4.3
Disable sequence
The phase demodulator disabling sequence requires to clear the P_DEMOD register value.
2.2.2.5
Operating parameters
Table 24 summarizes the IP functional target operating parameters.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 34/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com