Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STWBC2-HP Datasheet(PDF) 66 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 62Page - STMicroelectronics STWBC2-HP Datasheet HTML 63Page - STMicroelectronics STWBC2-HP Datasheet HTML 64Page - STMicroelectronics STWBC2-HP Datasheet HTML 65Page - STMicroelectronics STWBC2-HP Datasheet HTML 66Page - STMicroelectronics STWBC2-HP Datasheet HTML 67Page - STMicroelectronics STWBC2-HP Datasheet HTML 68Page - STMicroelectronics STWBC2-HP Datasheet HTML 69Page - STMicroelectronics STWBC2-HP Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
Figure 64. SPI block diagram overview
2.2.13.2
Feature list
•
Slave 16bits serial interface to master parallel peripheral bus
•
Complete asynchronous link between the SPI and PB bus
•
Clock ratio of spi_clk vs afe_clk is 2
•
Supports multi-byte read and write with fixed, auto-increment or explicit address
•
Supports read-modify-write atomic sequence
•
Serial data order from MSB to LSB
•
Disable synchronizer stages in ATE test mode
2.2.13.3
Functional description
The cell has 2 separate clock domains:
Figure 65. SPI clock domain overview
•
The spi_clk domain contains the serial engine. It is reset with resetn and partially also with spi_csn.
•
The clk domain generates parallel peripheral bus access corresponding to the SPI transaction.
The spi_clk domain serializer/deserializer is reset with spi_csn at 1. Hence, the machine restarts from scratch at
each new SPI access.
The serial machine is clocked on neg edge of spi_clk. During the SPI transaction, the machine decodes the
access direction, the access address and the eventual write data.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 66/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com