Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STWBC2-HP Datasheet(PDF) 35 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 31Page - STMicroelectronics STWBC2-HP Datasheet HTML 32Page - STMicroelectronics STWBC2-HP Datasheet HTML 33Page - STMicroelectronics STWBC2-HP Datasheet HTML 34Page - STMicroelectronics STWBC2-HP Datasheet HTML 35Page - STMicroelectronics STWBC2-HP Datasheet HTML 36Page - STMicroelectronics STWBC2-HP Datasheet HTML 37Page - STMicroelectronics STWBC2-HP Datasheet HTML 38Page - STMicroelectronics STWBC2-HP Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
Table 24. Phase demodulator operating parameters
Parameter
Condition
Value
Operating frequency
8 MHz to 16 MHz
Chronometer data rate
100 – 300 ks/s
Target sampling rate
40 ks/s
LPF frequencies
Fs=40 ks/s
4 kHz, 8 kHz, 12 kHz, 16 kHz
HPF frequencies
Fs=40 ks/s
200 Hz, 300 Hz, 500 Hz, 650 Hz
Input data width
17 bits
Output data width
1 bit
2.2.2.6
Configuration register overview
Table 25. Phase demodulator configuration registers overview
Registers overview
Name
Description
Type
Page Offset
Reset val.
P_DEMOD
Phase demodulation configuration
R/W
0
0x1E
0x01
P_DEMOD_CLK_L
Phase demodulation clock configuration
R/W
0
0x1F
0x00
P_DEMOD_CLK_H
Phase demodulation clock configuration
R/W
0
0x20
0x00
P_DEMOD_HYSTERESIS Phase demodulation hysteresis configuration
R/W
0
0x21
0x00
2.2.3
QF controller
2.2.3.1
Overview
This block is used to control the analog driver which stimulates the LC resonant network keeping its natural
oscillation at steady-state. Changes in the Q factor allows the system to detect foreign object presence and to
check for an in-range receiver periodically (according to the Qi standard) and with minimum SW intervention.
2.2.3.2
Feature list
Blank time to get noise and disturbances immunity (frequency high limit)
Input capture of waveform zero-cross for oscillation period measurement
Synchronous FSM controlling an asynchronous loop for optimal capture resolution
Time-out function to set the frequency low limit
2.2.3.3
Functional description
The QF measurement system uses an analog driver providing a symmetrical square wave current of
programmable strength. The system uses the IV-converter zero-voltage cross detector attached to the ringing
node. The zc_det signal is the output of this detector and is asynchronously fed back to the current generator as
source/sink command (QF_drv). A counter in the digital machine is dedicated to capturing the oscillation period
and to providing blanking and time-out function. The polarity of the output driver (QF_drv) may be inverted by the
POLARITY field of the QF_CTRL control register.
Here below is shown the circuit block diagram.
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 35/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com