Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STWBC2-HP Datasheet(PDF) 64 Page - STMicroelectronics

Part # STWBC2-HP
Description  Digital controller for wireless battery charger transmitters
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC2-HP Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STWBC2-HP Datasheet HTML 60Page - STMicroelectronics STWBC2-HP Datasheet HTML 61Page - STMicroelectronics STWBC2-HP Datasheet HTML 62Page - STMicroelectronics STWBC2-HP Datasheet HTML 63Page - STMicroelectronics STWBC2-HP Datasheet HTML 64Page - STMicroelectronics STWBC2-HP Datasheet HTML 65Page - STMicroelectronics STWBC2-HP Datasheet HTML 66Page - STMicroelectronics STWBC2-HP Datasheet HTML 67Page - STMicroelectronics STWBC2-HP Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
Figure 63. DMD clock circuit overview
The clk_dmd is used in both current and voltage demodulator circuits to provide a fixed frequency closed to about
100 kHz (+/-30%). The controllability of the above circuit is done through the DEMOD_CTRL register.
The ENABLE bit controls the clock toggle functionality while the CLK_DIV represents the clock count.
The clk_out is divided by a fixed prescale value of 4-bits and is then counting the value configured in the
CLK_DIV register field from 0x01 up to 0x7F.
The CLK_DMD equation is shown in the next equation.
Fdmd= Fafe
Clkdiv* Prescale +1*2 
Where:
Prescale = 4
CLK_DIV is comprised between 0x01 up to 0x7F
2.2.12.5.2
PLL clock configuration
The PLL configuration parameters require first to disable the PLL by clearing the PLL_EN bit field of register
RCC_CLK_CONFIG_1 then configures both PLL_PRE_DIV and PLL_MULT bit fields belonging to registers
RCC_CLK_CONFIG_1 and RCC_CLK_CONFIG_2, finally the PLL should be re-enabled by setting the PLL_EN
bit.
Any further register modification parameters require the iteration of the above procedures.
The RCC provides clock and reset to 16 controllable domains (peripherals). The clock source of each domain is
assigned to clk_out or pll_clk_gated[0]. Similarly, the async reset source for each domain is assigned to sync_nrst
or sync_nrst_pll_0. The configuration is static (list of define).
Table 47 shows the clock and reset signal vector assignment.
Table 47. RCC SW RST and Clock gating bit control
SW RST and Clock gating
bit
Peripheral
source
Comment
0
RFU
Reserved
1
Page 1 registers
clk_out / sync_nrst
BB-DCDC registers
2
Page 2 registers
clk_out / sync_nrst
HR-PWM registers
3
RFU
Reserved
4
RFU
Reserved
5
Page 5 registers(1)
clk_out / sync_nrst
Trimming registers, NVM and DFT registers
6
RFU
Reserved
7
Reserved
clk_out / sync_nrst
Reserved
8
Common IPs
clk_out / sync_nrst
LEDs, ADC_MUXs, Prot, and ITC IPs
9
Phase demod.
clk_out / sync_nrst
Phase demodulator
10
RFU
Reserved
11
RFU
Reserved
12
RFU
Reserved
STWBC2-HP
Digital AFE functions
DS13825 - Rev 1.0
page 64/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com