Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP100ALF Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 97 page
background image
IP100A LF
Preliminary Data Sheet
31/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.1.5 Auto-Negotiation Advertisement
Class............................. PHY Registers
Access Method ............. Accessed through PhyCtrl register
Register Address .......... 0x04
Default .......................... 0x01E1
Width ............................ 16 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
15
Next Page capable
R/W
1 = Next Page capable.
0 = Next Page incapable.
14
Reserved
N/A
Reserved for future use.
13
Remote Fault
R/W
1 = Remote Fault supported.
0 = Remote Fault not supported.
12..11
Reserved
N/A
Reserved for future use.
10
Pause
R/W
1 = Pause function supported.
0 = Pause not supported.
9
100BASE-T4
R/W
1 = 100BASE-T4 capable.
0 = 100BASE-T4 incapable.
8
100BASE-TX Full
Duplex
R/W
1 = PHY 100BASE-TX Full Duplex capable.
0 = PHY not 100BASE-TX Full Duplex capable.
7
100BASE-TX Half
Duplex
R/W
1 = PHY 100BASE-TX Half Duplex capable.
0 = PHY not 100BASE-TX Half Duplex capable.
6
10BASE-T Full
Duplex
R/W
1 = PHY 10BASE-T Full Duplex capable.
0 = PHY not 10BASE-T Full Duplex capable.
5
10BASE-T Half
Duplex
R/W
1 = PHY 10BASE-T Half Duplex capable.
0 = PHY not 10BASE-T Half Duplex capable.
4..0
Selector Field
R/W
IEEE 802.3 selector field
11.1.6 Auto-Negotiation Link Partner Ability
Class............................. PHY Registers
Access Method............. Accessed through PhyCtrl register
Register Address.......... 0x05
Default .......................... 0x0000
Width ............................ 16 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
15
Next Page
R
1 = Next Page capable.
0 = Next Page incapable.
14
Acknowledge
R
1 = Link Code Word received.
0 = Link Code Word not received.
13
Remote Fault
R
1 = Remote Fault detected.
0 = Remote Fault not detected.
If Remote Fault is a logic 1, then the Remote Fault bit of the
Status Register register will be a logic 1.
12..10
Reserved
N/A
Reserved for future use.
9
100BASE-T4
R
1 = 100BASE-T4 capable.
0 = 100BASE-T4 incapable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com