Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP100ALF Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 70Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 71Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 72Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 73Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 74Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 75Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 76Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 77Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 97 page
background image
IP100A LF
Preliminary Data Sheet
74/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.5.15 OctetsTransmittedOk
Class............................. LAN I/O Registers, Statistics
Base Address ............... IoBaseAddress register value
Address Offset.............. 0x6c
Default .......................... 0x00000000
Width ............................ 32 bits (accessible as 2, 16 bit words)
BIT
BIT NAME
R/W
BIT DESCRIPTION
19..0
OctetsTransmitted-
Ok
R/W
Octets Transmitted OK is a count of data and padding octets of
frames successfully transmitte cm d. OctetsTransmittedOk will
wrap around to zero after reaching 0xFFFFFFFF. See IEEE
802.3 Clause 30.3.1.1.8.
An UpdateStats interrupt (UpdateStats bit within the IntStatus
register) will occur when OctetsTransmittedOk reaches a value of
0xC0. OctetsTransmittedOk is enabled by writing a logic 1 to the
StatisticsEnable bit in the MACCtrl1 register.
A read of OctetsTransmittedOk also clears the register.
31..20
Reserved
N/A
Reserved for future use.
11.5.16 SingleCollisionFrames
Class............................. LAN I/O Registers, Statistics
Base Address ............... IoBaseAddress register value
Address Offset.............. 0x77
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
Single Collision
Frames
R/W
Single Collision Frames is a count of the number of frames that
are involved in a single collision, and are subsequently
transmitted successfully. SingleCollisionFrames will wrap around
to zero after reaching 0xFF. See IEEE 802.3 Clause 30.3.1.1.3.
An UpdateStats interrupt (UpdateStats bit within the IntStatus
register) will occur when SingleCollisionFrames reaches a value
of 0xC0. SingleCollisionFrames is enabled by writing a logic 1 to
the StatisticsEnable bit in the MACCtrl1 register.
A read of SingleCollisionFrames also clears the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com