Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP100ALF Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
IP100A LF
Preliminary Data Sheet
32/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
BIT
BIT NAME
R/W
BIT DESCRIPTION
8
100BASE-TX Full
Duplex
R
1 = 100BASE-TX Full Duplex capable.
0 = Not 100BASE-TX Full Duplex capable.
7
100BASE-TX Half
Duplex
R
1 = 100BASE-TX Half Duplex capable.
0 = Not 100BASE-TX Half Duplex capable.
6
10BASE-T Full
Duplex
R
1 = 10BASE-T Full Duplex capable.
0 = Not 10BASE-T Full Duplex capable.
5
10BASE-T Half
Duplex
R
1 = 10BASE-T Half Duplex capable.
0 = Not 10BASE-T Half Duplex capable.
4..0
Selector Field
R
Selector Field
11.1.7 Phy Specification Control Register
Class............................. PHY Registers
Access Method ............. Accessed through PhyCtrl register
Register Address .......... 0x16
Default .......................... 0x03A4
Width ............................ 16 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
15:6
Reserved
5
AUTOMDIX_ON
RO
AutoCrossOver can be set to enabled by setting this bit to 1, even
when AN is disabled
4
FEF_DISABLE
R/W
Set high to disable the functionality of Far-End Fault when the
chip operates at fiber mode
0: Enable FEF
1: Disable FEF
3
REPEAT_MODE
R/W
Set high to let IP100A LF operate at repeat mode
0: Not Repeat mode
1: Repeat mode
2
JABBER_ENA
R/W
Set high to enable jabber detection mechanism when IP100A LF
operates at 10BASE-T
0: Disable
1: Enable
1
HEARTBEAT_ENA R/W
Set high to enable heartbeat detection mechanism when IP100A
LF operates at 10BASE-T
0: Disable
1: Enable
0
BYPASS_DSPRST R/W
Set high to disable DSP reset watch-dog timer
0: Not Bypass
1: Bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com