Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP100ALF Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 64Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 65Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 66Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 67Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 68Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 69Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 70Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 71Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 97 page
background image
IP100A LF
Preliminary Data Sheet
68/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.5.3 CarrierSenseErrors
Class............................. LAN I/O Registers, Statistics
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x74
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
3..0
CarrierSenseErrors R/W
Carrier Sense Errors counts the number of times that the carrier
sense signal (CRS) was de-asserted (a logic 0) during the
transmission of a frame without collision. The carrier sense signal
is not monitored for the purpose of this statistic until after the
preamble and start-of-frame delimiter fields of the Ethernet frame
have been transmitted. CarrierSenseErrors will wrap around to
zero after reaching 0xFF. See IEEE 802.3 Clause 30.3.1.1.13.
An UpdateStats interrupt (UpdateStats bit within the IntStatus
register) will occur when CarrierSenseErrors reaches a value of
0xC0. CarrierSenseErrors is enabled by writing a logic 1 to the
StatisticsEnable bit in the MACCtrl1 register.
A read of CarrierSenseErrors also clears the register.
7..4
Reserved
R/W
Reserved for future use.
11.5.4 FramesAbortedDueToXSColls
Class............................. LAN I/O Registers, Statistics
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x7b
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
FramesAborted-
DueToXSColls
R/W
Frames Aborted Due to Excess Collisions counts the number of
frames which are not transmitted successfully due to excessive
collisions. FramesAbortedDueToXSColls will wrap around to zero
after reaching 0xFF. See IEEE 802.3 Clause 30.3.1.1.11.
An UpdateStats interrupt (UpdateStats bit within the IntStatus
register) will occur when FramesAbortedDueToXSColls reaches a
value of 0xC0. FramesAbortedDueToXSColls is enabled by writing
a logic 1 to the StatisticsEnable bit in the MACCtrl1 register.
A read of FramesAbortedDueToXSColls also clears the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com