Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP100ALF Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 68Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 69Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 70Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 71Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 72Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 73Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 74Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 75Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 97 page
background image
IP100A LF
Preliminary Data Sheet
72/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.5.11 MulticastFramesReceivedOk
Class............................. LAN I/O Registers, Statistics
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x7f
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
MulticastFrames-
ReceivedOk
R/W
Multicast Frames Received OK is the count of the number of
frames that are successfully received to a group destination
address other than the broadcast address (0xFFFFFFFFFFFF).
MulticastFramesReceivedOk does not include frames received
with frames too long, FCS, length or alignment errors, or frames
lost due to internal MAC sublayer error (i.e. overrun).
MulticastFramesReceivedOk will wrap around to zero after
reaching 0xFF. See IEEE 802.3 Clause 30.3.1.1.21.
An UpdateStats interrupt (UpdateStats bit within the IntStatus
register) will occur when MulticastFramesReceivedOk reaches a
value of 0xC0. MulticastFramesReceivedOk is enabled by writing
a logic 1 to the StatisticsEnable bit in the MACCtrl1 register.
A read of MulticastFramesReceivedOk also clears the register.
11.5.12 MulticastFramesTransmittedOk
Class............................. LAN I/O Registers, Statistics
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x7e
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
MulticastFrames-
TransmittedOk
R/W
Multicast Frames Transmitted OK is a count of the number of
frames that are successfully transmitted to a group destination
address other than the broadcast address (0xFFFFFFFFFFFF).
MulticastFramesTransmittedOk will wrap around to zero after
reaching 0xFF. See IEEE 802.3 Clause 30.3.1.1.18.
An UpdateStats interrupt (UpdateStats bit within the IntStatus
register) will occur when MulticastFramesTransmittedOk reaches a
value of 0xC0. MulticastFramesTransmittedOk is enabled by
writing a logic 1 to the StatisticsEnable bit in the MACCtrl1 register.
A read of MulticastFramesTransmittedOk also clears the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com