Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP100ALF Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 65Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 66Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 67Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 68Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 69Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 70Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 71Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 72Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
IP100A LF
Preliminary Data Sheet
69/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.5.5 FramesLostRxErrors
Class............................. LAN I/O Registers, Statistics
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x79
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
FramesLostRxErrors R/W
Frames Lost Due to Receive Errors is a count of the number of
frames that should have been received (the destination address
matched the filter criteria) but experienced a receive FIFO
overrun error (the receive FIFO does not have enough free space
to store the received data). FramesLostRxErrors only includes
overruns that become apparent to the host system, and does not
include frames that are completely ignored due to a completely
full receive FIFO at the beginning of frame reception.
FramesLostRxErrors will wrap around to zero after reaching
0xFF. See IEEE 802.3 Clause 30.3.1.1.15.
An UpdateStats interrupt (UpdateStats bit within the IntStatus
register) will occur when FramesLostRxErrors reaches a value of
0xC0. FramesLostRxErrors is enabled by writing a logic 1 to the
StatisticsEnable bit in the MACCtrl1 register.
A read of FramesLostRxErrors also clears the register.
11.5.6 FramesReceivedOk
Class............................. LAN I/O Registers, Statistics
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x72
Default .......................... 0x0000
Width ............................ 16 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
FramesReceivedOk R/W
Frames Received OK is the count of the number of frames that
are successfully received. FramesReceivedOk does not include
frames received with frames too long, FCS, length or alignment
errors, or frames lost due to internal MAC sublayer error (i.e.
overrun). FramesReceivedOk will wrap around to zero after
reaching 0xFFFF. See IEEE 802.3 Clause 30.3.1.1.5.
An UpdateStats interrupt (UpdateStats bit within the IntStatus
register) will occur when FramesReceivedOk reaches a value of
0xC0. FramesReceivedOk is enabled by writing a logic 1 to the
StatisticsEnable bit in the MACCtrl1 register.
A read of FramesReceivedOk also clears the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com