Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP100ALF Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
IP100A LF
Preliminary Data Sheet
33/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.1.8 Phy Debug Control Register
Class............................. PHY Registers
Access Method ............. Accessed through PhyCtrl register
Register Address .......... 0x17
Default .......................... 0x0000
Width ............................ 16 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
15:6
Reserved
RO
Reserved for future use
5
NWAY_SPEED_UP RW
Set high to speed up all timers during NWAY procedure
4
DSP_SPEED_UP
RW
Set high to speed up DSP training sequcences
3
FORCE_LINK
RW
Set high to force link-up
2
BYPASS_SCRAM
RW
Set high to bypass PCS scrambler/de-scrambler
1..0
NWAY_DEBUG_SE
L
RW
These 2 bits are used to select NWAY debug output
11.1.9 Phy Status Monitor Register
Class............................. PHY Registers
Access Method ............. Accessed through PhyCtrl register
Register Address .......... 0x18
Default .......................... 0x0000
Width ............................ 16 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
15
LDSP_SLEEPING
RO
When set to high, indicating IP100A LF is in link-down sleeping
mode
14
LINK_OK
RO
When set to high, indicating link status is OK
13
DESCRAM _LOCK RO
When set to high, indicating PCS de-scrambler is locked on data
12
10BASE_
POLARITY
RO
When set to high, indicating the cable polarity is reversal (this bit
is meaningful only chip operates at 10BASE-T)
11
RESLOVED
_SPEED
RO
To indicate the resolved speed mode
0: 10BASE-T
1: 100BASE-TX/FX
10
RESLOVED
_DUPLEX
RO
To indicate the resolved duplex mode
0: Half Duplex
1: Full Duplex
9
MDI/MDIX
RO
To indicate either at MDI or MDIX state
0: MDI (Not Crossover)
1: MDIX(Crossover)
8..0
NWAY_DEBUG
_OUT
RO
NWAY debug output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com