Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP100ALF Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
IP100A LF
Preliminary Data Sheet
41/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.3.1 MagicSequence
Class............................. Wake Event Data Structures, Magic Packet
Base Address ............... Start of Magic Packet
Address Offset .............. 0x06
Access Mode ................ Read only
Width ............................ 768 bits
BIT
BIT NAME
BIT DESCRIPTION
767..0
MagicSequence
Magic Sequence. A sequence of 96 bytes, consisting of 16 consecutive,
identical 6 bytes sequences, where each 6 byte sequence equals the
station address of the station receiving the Magic Packet.
11.3.2 MagicSyncStream
Class............................. Wake Event Data Structures, Magic Packet
Base Address ............... Start of Magic Packet
Address Offset .............. 0x00
Access Mode ................ Read only
Width ............................ 48 bits
BIT
BIT NAME
BIT DESCRIPTION
47..0
MagicSyncStream
Magic Packet Sync Stream. A stream of 6 bytes with the value 0xff
indicates the start of the MagicSequence.
11.3.3 PseudoCRC
Class............................. Wake Event Data Structures, Pseudo Packet
Base Address ............... Start of Pseudo Packet
Address Offset .............. 0x00+n+1 for n PseudoPatterns
Access Mode ................ Write only
Width ............................ 32 bits
The 32-bit CRC as defined in the IEEE 802.3 Ethernet standard for the FCS, taken over the bytes
(indicated by the PseudoPattern values) of a received frame.
BIT
BIT NAME
BIT DESCRIPTION
7..0
PsuedoCRCbyte0
The least significant byte of the PseudoCRC.
15..8
PsuedoCRCbyte1
The second lest significant byte of the PseudoCRC.
23..16
PsuedoCRCbyte2
The second most significant byte of the PseudoCRC.
31..24
PsuedoCRCbyte3
The most significant byte of the PseudoCRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com