Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP100ALF Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 97 page
background image
IP100A LF
Preliminary Data Sheet
36/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.2.2 RxDMAFragLen
Class............................. DMA Data Structures, RFD
Base Address ............... Start of RFD
Address Offset .............. 0x0C+n*0x08 for nth fragment (where n=0,1,...63)
Access Mode ................ Read/Write
Width ............................ 32 bits
The RxDMAFragLen contains fragment length and control information for the block of data pointed to by
the corresponding RxDMAFragAddr.
BIT
BIT NAME
BIT DESCRIPTION
12..0
FragLen
Fragment Length. The length of the contiguous block of data pointed to
by the previous RxDMAFragAddr.
30..13
Reserved
Reserved for future use.
31
RxDMALastFrag
Set by the host system to indicate the last fragment of the receive frame.
11.2.3 RxDMANextPtr
Class............................. DMA Data Structures, RFD
Base Address ............... Start of RFD
Address Offset .............. 0x00
Access Mode ................ Read/Write
Width ............................ 32 bits
BIT
BIT NAME
BIT DESCRIPTION
31..0
RxDMANextPtr
Receive DMA Next Pointer. RxDMANextPtr contains the physical
address of the next RFD in the receive DMA list. For the last RFD in the
receive DMA list, RxDMANextPtr must be 0x00000000. RFDs must be
aligned on 8-byte physical address boundaries.
11.2.4 RxFrameStatus
Class............................. DMA Data Structures, RFD
Base Address ............... Start of RFD
Address Offset .............. 0x04
Access Mode ................ Read/Write
Width ............................ 32 bits
At the end of a receive DMA transfer, the IP100A LF writes the value of the RxDMAStatus register to
RxFrameStatus.
BIT
BIT NAME
BIT DESCRIPTION
12..0
RxDMAFrameLen
Receive DMA Frame Length. RxDMAFrameLen indicates the true frame
length, except in the case where the frame is larger than the total number
of bytes specified in all of the FragLen subfields of the RxDMAFragLen
RFD field in which case, the RxDMAOverflow bit will be set.
13
Reserved
Reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com