Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFIL Datasheet(PDF) 63 Page - ATMEL Corporation

Part # T87C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFIL Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button T87C5112-RKFIL Datasheet HTML 59Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 60Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 61Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 62Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 63Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 64Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 65Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 66Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 97 page
background image
Rev. B - November 10, 2000
63
Preliminary
T80C5112
Reset Value=X000 0000b
Table 36. ADCLK Register
ADCLK (S:F2h)
ADC Clock Prescaler
Reset Value: 0000 0000b
Table 37. ADDH Register
ADDH (S:F5h Read Only)
ADC Data High byte register
Read only register
Reset Value: 00h
5
ADEN
Enable/Standby Mode
Set to enable ADC.
Clear for Standby mode (power dissipation 1 uW).
4
ADEOC
End Of Conversion
Set by hardware when ADC result is ready to be read. This flag can generate an interrupt.
Must be cleared by software.
3
ADSST
Start and Status
Set to start an A/D conversion.
Cleared by hardware after completion of the conversion.
2-0
SCH2:0
Selection of channel to convert
see Table 34.
7
6
5
4
3
2
1
0
SELREF
PRS 6
PRS 5
PRS 4
PRS 3
PRS 2
PRS 1
PRS 0
Bit Number Bit Mnemonic
Description
7
SELREF
Selection and activation of the internal 2.4V voltage reference
Set to enable the internal voltage reference.
Clear to disable the internal voltage reference.
6-0
PRS6:0
Clock Prescaler
fCONV_CK =fCkADC / (2 * PRS)
if PRS=0, fCONV_CK =fCkADC / 256
7
6
5
4
3
2
1
0
ADAT 9
ADAT 8
ADAT 7
ADAT 6
ADAT 5
ADAT 4
ADAT 3
ADAT 2
Bit Number Bit Mnemonic
Description
7-0
ADAT9:2
ADC result
bits 9-2
Bit Number Bit Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com