Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFIL Datasheet(PDF) 83 Page - ATMEL Corporation

Part # T87C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFIL Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button T87C5112-RKFIL Datasheet HTML 79Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 80Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 81Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 82Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 83Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 84Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 85Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 86Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 97 page
background image
Rev. B - November 10, 2000
83
Preliminary
T80C5112
(1) Total drift on one part over full Voltage and Temperature range is below 20 mV
18.6. AC Parameters
18.6.1. Explanation of the AC Symbols
Each timing symbol has 5 characters. The first character is always a ÒTÓ (stands for time). The other characters,
depending on their positions, stand for the name of a signal or the logical status of that signal. The following is
a list of all the characters and what they stand for.
Example:TAVLL = Time for Address Valid to ALE Low.
TLLPL = Time for ALE Low to PSEN Low.
TA =0to+70
°C (commercial temperature range); V
SS =0V;VCC =5V ± 10%;
-V ranges.
TA = -40
°Cto+85°C (industrial temperature range); V
SS =0V;
VCC =5V ± 10%; -V ranges.
TA =0to+70
°C (commercial temperature range); V
SS =0V;2.7V<VCC < 5.5 V; -L range.
TA = -40
°Cto+85°C (industrial temperature range); V
SS =0V;2.7V<VCC < 5.5 V; -L range.
Table 55. gives the maximum applicable load capacitance for Port 0, Port 1, 2 and 3, and ALE and PSEN signals.
Timings will be guaranteed if these capacitances are respected. Higher capacitance values can be used, but timings
will then be degraded.
Table 55. Load Capacitance versus speed range, in pF
Table 57., Table 60. and Table 61. give the description of each AC symbols.
Table 57., Table 59. and Table 62. give for each range the AC parameter.
Table 58., Table 60. and Table 63. give the frequency derating formula of the AC parameter. To calculate each
AC symbols, take the x value corresponding to the speed grade you need (-V or -L) and replace this value in the
formula. Values of the frequency must be limited to the corresponding speed grade:
AVin
Analog input voltage
Vss- 0.2
Vcc + 0.2
V
Rref
Resistance between Vref and Vss
13
18
24
KOhm
Vref
Value of integrated voltage source
2.43
2.49
V
Small variation with Vcc
and Temperature (1)
Lref
Load on integrated voltage source
10
KOhm
Cai
Analog input Capacitance
60
pF
During sampling
Integral non linearity
1
2
lsb
Differential non linearity
0.5
1
lsb
Offset error
-2
2
lsb
Input source impedance
1
KOhm For 10 bit resolution at
maximum speed
-V
-L
Port 0
50
100
Port 1, 2, 3
50
80
ALE / PSEN
30
100
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com