Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFIL Datasheet(PDF) 74 Page - ATMEL Corporation

Part # T87C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFIL Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button T87C5112-RKFIL Datasheet HTML 70Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 71Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 72Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 73Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 74Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 75Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 76Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 77Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 97 page
background image
74
Rev. B - November 10, 2000
Preliminary
T80C5112
17. EPROM
17.1. EPROM Structure
The T80C5112 EPROM is divided into two different arrays:
· the code array: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8Kbytes.
· the encryption array: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64 bytes.
In addition a third non programmable array is implemented:
· the signature array: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 bytes.
17.2. EPROM Lock System
The program Lock system, when programmed, protects the on-chip program against software piracy.
17.2.1. Encryption Array
Within the EPROM array are 64 bytes of encryption array that are initially unprogrammed (all FFÕs). Every time
a byte is addressed during program verify, 6 address lines are used to select a byte of the encryption array. This
byte is then exclusive-NORÕed (XNOR) with the code byte, creating an encrypted verify byte. The algorithm, with
the encryption array in the unprogrammed state, will return the code in its original, unmodified form.
When using the encryption array, one important factor needs to be considered. If a byte has the value FFh, verifying
the byte will produce the encryption byte value. If a large block (>64 bytes) of code is left unprogrammed, a
verification routine will display the content of the encryption array. For this reason all the unused code bytes
should be programmed with random values.
17.2.2. Program Lock Bits
The three lock bits, when programmed according to Table 49., will provide different level of protection for the
on-chip code and data.
U: unprogrammed,
P: programmed
WARNING: Security level 2 and higher should only be programmed after EPROM verification.
Table 49. Program Lock bits
Program Lock Bits
Protection description
Security
level
LB1
LB2
LB3
1
U
U
U
No program lock features enabled. Code verify will still be encrypted by the encryption
array if programmed. MOVC instruction executed from external program memory
returns non encrypted data.
2
P
U
U
MOVC instruction executed from external program memory are disabled from fetching
code bytes from internal memory, EA is sampled and latched on reset , and further
programming of the EPROM is disabled..
3
U
P
U
Same as 2, also verify is disabled
This security level is available because ROM integrity will be veriÞed thanks to another
method..
4
U
U
P
Same as 3, also external execution is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com