Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFIL Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T87C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFIL Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T87C5112-RKFIL Datasheet HTML 4Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 5Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 6Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 7Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 8Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 9Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 10Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 11Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
8
Rev. B - November 10, 2000
Preliminary
T80C5112
6.2.3. Integrated low speed, low power RC oscillator : OSCC
The low speed, low power RC oscillator is used to clock the hardware watchdog and do not need any external
component; its typical frequency is 200 kHz.
This oscillator is also used as back up oscillator when the CPU receive no clock signal in active or idle modes.
RCLF_OFF is the configuration bit used to switch on or off the low speed RC oscillator.
Note that the on chip oscillator has a +-25% frequency tolerance and for that reason may not be suitable for use
in some applications.
6.2.4. Clock selector
CKS bit in CKS register is used to select from crystal to RC oscillator.
OSCBEN bit in OSCCON register is used to enable the RC oscillator.
OSCAEN bit in OSCCON register is used to enable the crystal oscillator or the external oscillator input.
If both oscillators are disabled, the low speed oscillator, OSCC is used as a backup source for the CPU and the
peripherals.
This feature provides a stand alone low frequency mode which can be activated when needed.
6.2.5. Clock prescaler
Before supplying the CPU and the peripherals, the main clock is divided by a factor to 2 to 512, as defined by
the CKRL register. The CPU needs from 12 to 256*12 clock periods per instruction. This allows:
·
To accept any cyclic ratio to be accepted on XTAL1 input.
·
To reduce the CPU power consumption.
The X2 bit allows to bypass the clock prescaler ; in this case, the CPU need only 6 clock periods per machine
cycle. In X2 mode, as this divider is bypassed, the signals on XTAL1 must have a cyclic ratio between 40 to 60%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com