Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFIL Datasheet(PDF) 33 Page - ATMEL Corporation

Part # T87C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFIL Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button T87C5112-RKFIL Datasheet HTML 29Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 30Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 31Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 32Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 33Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 34Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 35Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 36Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
Rev. B - November 10, 2000
33
Preliminary
T80C5112
The SADEN byte is selected so that each slave may be addressed separately.
For slave A, bit 0 (the LSB) is a donÕt-care bit; for slaves B and C, bit 0 is a 1. To communicate with slave A
only, the master must send an address where bit 0 is clear (e.g. 1111
0000b
).
For slave A, bit 1 is a 1; for slaves B and C, bit 1 is a donÕt care bit. To communicate with slaves B and C, but
not slave A, the master must send an address with bits 0 and 1 both set (e.g. 1111
0011b
).
To communicate with slaves A, B and C, the master must send an address with bit 0 set, bit 1 clear, and bit 2
clear (e.g. 1111
0001b
).
11.2.2. Broadcast Address
A broadcast address is formed from the logical OR of the SADDR and SADEN registers with zeros defined as
donÕt-care bits, e.g.:
SADDR
0101 0110b
SADEN
1111 1100b
Broadcast =SADDR OR SADEN
1111 111Xb
The use of donÕt-care bits provides flexibility in defining the broadcast address, however in most applications, a
broadcast address is FFh. The following is an example of using broadcast addresses:
Slave A:
SADDR
1111 0001b
SADEN
1111 1010b
Broadcast
1111 1X11b,
Slave B:
SADDR
1111 0011b
SADEN
1111 1001b
Broadcast
1111 1X11B,
Slave C:
SADDR=
1111 0010b
SADEN
1111 1101b
Broadcast
1111 1111b
For slaves A and B, bit 2 is a donÕt care bit; for slave C, bit 2 is set. To communicate with all of the slaves, the
master must send an address FFh. To communicate with slaves A and B, but not slave C, the master can send
and address FBh.
11.2.3. Reset Addresses
On reset, the SADDR and SADEN registers are initialized to 00h, i.e. the given and broadcast addresses are XXXX
XXXXb
(all donÕt-care bits). This ensures that the serial port will reply to any address, and so, that it is backwards
compatible with the 80C51 microcontrollers that do not support automatic address recognition.
11.3. Baud Rate Selection for UART for mode 1 and 3
The Baud Rate Generator for transmit and receive clocks can be selected separately via the T2CON and BDRCON
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com