Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFIL Datasheet(PDF) 76 Page - ATMEL Corporation

Part # T87C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFIL Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button T87C5112-RKFIL Datasheet HTML 72Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 73Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 74Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 75Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 76Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 77Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 78Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 79Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
76
Rev. B - November 10, 2000
Preliminary
T80C5112
Figure 33. Set-Up Modes Configuration
17.3.3. Programming Algorithm
The Improved Quick Pulse algorithm is based on the Quick Pulse algorithm and decreases the number of pulses
applied during byte programming from 25 to 1.
To program the T80C5112 the following sequence must be exercised:
· Step 1: Activate the combination of control signals.
· Step 2: Input the valid address on the address lines.
· Step 3: Input the appropriate data on the data lines.
· Step 4: Raise RST/VPP from VCC to VPP (typical 12.75V).
· Step 5: Pulse ALE/PROG once.
· Step 6: Lower RST/VPP from VPP to VCC
Repeat step 2 through 6 changing the address and data for the entire array or until the end of the object file is
reached (See Figure 34).
17.3.4. Verify algorithm
Code array verify must be done after each byte or block of bytes is programmed. In either case, a complete verify
of the programmed array will ensure reliable programming of the T80C5112.
P 2.7 is used to enable data output.
To verify the T80C5112 code the following sequence must be exercised:
· Step 1: Activate the combination of program and control signals.
· Step 2: Input the valid address on the address lines.
· Step 3: Read data on the data lines.
Repeat step 2 through 3 changing the address for the entire array verification (See Figure 34).
The encryption array cannot be directly verified. Verification of the encryption array is done by observing that the
code array is well encrypted.
+5V
VCC
P0.0-P0.7
P1.0-P1.7
P2.0-P2.5
P3.4-P3.5
VSS
GND
D0-D7
A0-A7
A8-A15
RST
RST/VPP
ALE/PROG
PSEN
P2.6
P2.7
P3.3
P3.7
P3.6
XTAL1
4 to 6 MHz
CONTROL
SIGNALS*
PROGRAM
SIGNALS*
* See Table 49. for proper value on these inputs
EA
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com